Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5035A Datasheet HTML 9Page - Richtek Technology Corporation RT5035A Datasheet HTML 10Page - Richtek Technology Corporation RT5035A Datasheet HTML 11Page - Richtek Technology Corporation RT5035A Datasheet HTML 12Page - Richtek Technology Corporation RT5035A Datasheet HTML 13Page - Richtek Technology Corporation RT5035A Datasheet HTML 14Page - Richtek Technology Corporation RT5035A Datasheet HTML 15Page - Richtek Technology Corporation RT5035A Datasheet HTML 16Page - Richtek Technology Corporation RT5035A Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
13
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SCLK Clock Rate
fSCL
VDDM = 3.1V, VOUT2 = 3.3V
--
--
400
kHz
Hold Time (Repeated) START
condition.
After this Period, the First Clock
Pulse is Generated
tHD;STA
0.6
--
--
s
LOW Period of the SCL Clock
tLOW
1.3
--
--
s
HIGH Period of the SCL Clock
tHIGH
0.6
--
--
s
Set-up Time for a Repeated
START Condition
tSU;STA
0.6
--
--
s
Data Hold Time
tHD;DAT
0
--
0.9
s
Data Set-Up Time
tSU;DAT
100
--
--
ns
Set-Up Time for STOP Condition
tSU;STO
0.6
--
--
s
Bus Free Time between a STOP
and START Condition
tBUF
1.3
--
--
s
Rise Time of both SDA and SCL
Signals
tR
20
--
300
ns
Fall Time of both SDA and SCL
Signals
tF
20
--
300
ns
SDA and SCL Output Low Sink
Current
IOL
SDA or SCL voltage = 0.4V
2
--
--
mA
Output Voltage Ramp Rate
VOUT1 Ramp Rate
VOUT1 = 3.6V to 5.3V
--
1.24
--
V/ms
VOUT2 Ramp Rate
VOUT2 = 0V to 3.25V
--
0.82
--
V/ms
VOUT3 Ramp Rate
VOUT3 = 0V to 1.1V
--
0.33
--
V/ms
VOUT4 Ramp Rate
VOUT4 = 0V to 1.8V
--
0.44
--
V/ms
VOUT5 Ramp Rate
VOUT5 = 0V to 2.2V
--
0.6
--
V/ms
VOUT6 Ramp Rate
VOUT6 = 0V to 2.7V
--
0.84
--
V/ms
VOUT8 Ramp Rate
VOUT8 = 0V to 3.4V
--
0.84
--
V/ms
VOUT10 Ramp Rate
VOUT10 = 0V to 1.35V
--
0.41
--
V/ms
Ramp Rate Accuracy of All the
Above
40
--
+40
%
Enabling Delay Time
Delay Time Step Resolution
For ENDLY2, 3, 4, 10
1.5
2
2.5
ms
Off Discharge
VOUT1, 2, 3, 4, 5, 10 Discharge
Equivalent Resistance
VDDM = 3.1V and VOUTx = 1V
50
--
--
SW4 Discharge Equivalent
Resistance
VDDM = 3.1V and SWO = 1V
400
--
--
VOUT6 Discharge Equivalent
Resistance
VDDM = 3.1V and VOUT6 = 1V
200
--
--
VOUT8 Discharge Equivalent
Resistance
VDDM = 3.1V and VOUT8 = 1V
200
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com