Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5035A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5035A
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5035A Datasheet HTML 1Page - Richtek Technology Corporation RT5035A Datasheet HTML 2Page - Richtek Technology Corporation RT5035A Datasheet HTML 3Page - Richtek Technology Corporation RT5035A Datasheet HTML 4Page - Richtek Technology Corporation RT5035A Datasheet HTML 5Page - Richtek Technology Corporation RT5035A Datasheet HTML 6Page - Richtek Technology Corporation RT5035A Datasheet HTML 7Page - Richtek Technology Corporation RT5035A Datasheet HTML 8Page - Richtek Technology Corporation RT5035A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
3
Pin No.
Pin Name
Pin Function
9
LX10
Switch node of CH10. This pin is in high impedance during shutdown.
10
VNEG
Output node of negative charge pump to enhance CH2 (PVDD2
LX2A), CH3,
CH4, CH5, CH10 PMOS driving. The regulated voltage is the higher one
between (BAT
 4.5V) and (BAT). When the negative charge pump is off, VNEG
is internally connected to GND. Connect this pin to an external 1
F capacitor.
11
CN
Negative switch node of charge pump. A fly capacitor is needed between pin CP
and CN.
12
CP
Positive switch node of charge pump.
13
BAT
Battery power input and sense pin. Recommend that input bypass capacitors are
as close as possible to the IC. The IC would sense the voltage of this pin for
UVLO and perform body-diode direction control of CH1 PMOS switches. This pin
is also the power input pin of negative charge pump circuit for VNEG.
14
VOUT4/SWI
Sense pin for CH4 output voltage and power pin for load switch SW4. When
turning off, RT5035A/B would discharge CH4 output capacitors internally till
VOUT4 < 0.1V. Recommend that output capacitors are as close to RT5035A/B
as possible. This pin is in high impedance during shutdown.
15
VOUT10/FB10
Sense pin of CH10 output voltage. This pin is also the feedback pin for VOUT10
if I2C is set to use the external resistor. When turning off, the IC discharges CH10
output capacitors internally until VOUT10 < 0.1V. Recommend that output
capacitors are as close as possible to the IC. This pin is in high impedance
during shutdown.
16
SWO
Power switch output pin of load switch SW4. When turning off, RT5035A/B would
discharge SWO output capacitors internally. This pin is in high impedance during
shutdown.
17
SDA
Data input and output pin for the I2C serial port.
18
SCL
Clock input pin for the I2C serial port.
19
VOUT2
Power output pin for CH2 output voltage. When turning off, RT5035A/B would
discharge CH2 output capacitors internally till VOUT2 < 0.1V.
I2C interface power level must be equal to CH2 output voltage. This pin is in high
impedance during shutdown.
20
SEQ
Sequence setting pin.
21
LX2B
Switch node B of CH2. This pin is in high impedance during shutdown.
22
EN
Enable input pin to activate the RT5035A/B power on (EN = High) and off.
RT5035A/B includes an internal pull-low at EN pin.
23
LX2A
Switch node A of CH2. This pin is in high impedance during shutdown.
24
PVDD2
Power input pin of CH2 and it must connect to the same node as BAT. This pin is
in high impedance during shutdown.
25
LX5
Switch node of CH5. This pin is in high impedance during shutdown.
26
PVDD5
Power input pin of CH5. PVDD5 could be separated from BAT. And the logic low
level for PMOS is automatically selected. (VNEG or GND) This pin is in high
impedance during shutdown.
27
VOUT5/FB5
Sense pin of CH5 Output Voltage. This pin is also the feedback pin for VOUT5 if
I2C is set to use the external resistor. When turning off, the IC discharges CH5
output capacitors internally until VOUT5 < 0.1V. Recommend that output
capacitors are as close as possible to the IC. This pin is in high impedance
during shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com