Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5047 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation RT5047 Datasheet HTML 10Page - Richtek Technology Corporation RT5047 Datasheet HTML 11Page - Richtek Technology Corporation RT5047 Datasheet HTML 12Page - Richtek Technology Corporation RT5047 Datasheet HTML 13Page - Richtek Technology Corporation RT5047 Datasheet HTML 14Page - Richtek Technology Corporation RT5047 Datasheet HTML 15Page - Richtek Technology Corporation RT5047 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT5047
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047-02
July
2017
www.richtek.com
13
Table 1
SEL Pin Status
COMP Pin Status
LNB Output Voltage
0
0
13.3V
0
1
14.3V
1
0
18.3V
1
1
19.3V
Tone Generation
The RT5047 provides the tone generation function, please refer to the Figure 2. Set the TONE pin with 22kHz logic
signal, the LNB linear regulator output will carry a 22kHz, 700mV peak to peak signal for DiSEqC 1.x communication.
It can meet base-band timings of 500
s (±100s) for a one-third bit PWK coded signal period on a nominal 22kHz
(±20 %).
TONE
signal
0V
3.3V
13.3V or
18.3V
700m
V
LNB
TONE signal
detect time
VLNB close
TONE after
TONE signal
detect time
VLNB output
TONE when
TONE signal
rise up
Figure 2. Tone Generation Options
Pull-Down Rate Control
The output linear stage provides approximately 40mA
of pull-down capability. This ensures that the output
volts are ramped from 18.3V to 13.3V in a reasonable
amount of time.
Over-Current Disable Time
If the LNB output current exceeds 550mA, typical, for
more than 45ms, then the LNB output will be disabled
and device enters a TON = 45ms/TOFF = 1800ms
routine. It will be returned to normal operation after a
successful soft-start process.
OCP1=1000mA
25ms
OCP2=550mA
20ms
If loading is 1000mA
1800ms
OCP1=1000mA
25ms
OCP2=550mA
20ms
OCP1=250mA
25ms
OCP2=138mA
20ms
If LNB is shorted to GND
1800ms
OCP1=250mA
25ms
OCP2=138mA
20ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com