Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5047 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5047 Datasheet HTML 1Page - Richtek Technology Corporation RT5047 Datasheet HTML 2Page - Richtek Technology Corporation RT5047 Datasheet HTML 3Page - Richtek Technology Corporation RT5047 Datasheet HTML 4Page - Richtek Technology Corporation RT5047 Datasheet HTML 5Page - Richtek Technology Corporation RT5047 Datasheet HTML 6Page - Richtek Technology Corporation RT5047 Datasheet HTML 7Page - Richtek Technology Corporation RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT5047
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5047-02
July
2017
2
Marking Informaton
RT5047
GSPYMDNN
RT5047GSP : Product Number
YMDNN : Date Code
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
LNB
Output voltage for LNB.
2
BOOST
Boost output and tracking supply voltage to LNB.
3
LX
Switching node of DC-DC boost converter.
4
VIN
Power supply input.
5
EN
LNB output enable.
6
SEL
LNB output voltage selection pin (Low is for 13.3V, high is for 18.3V).
7
COMP
LNB output voltage compensate pin.
8
TONE
22kHz TONE input.
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
Functional Block Diagram
Oscillator
4-steps
Voltage
Setting
22kHz Tone Shape
GND
VIN
TONE
Reference
Voltage
VFB2
VR1
Bandgap
Reference
VD2
VFB2
Dynamic
Dropout
Control
BOOST
OSC
VUD
VFB1
VR1
PWM
Controller
VD1
LX
Error
Amp
RF1
RF2
LNB
Linear
Regulator
OCP2
OCP1
UVLO
OTP
SEL
EN
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com