Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396CWI Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS396CWI
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396CWI Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS396CWI Datasheet HTML 1Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Electrical Characteristics — Dual Supplies (continued)
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMin to TMax, unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C.
n
i
M
)
2
(
.
p
y
T
-
(
)
2
.
x
a
M
-
(
)
2
s
t
i
n
U
c
i
m
a
n
y
D
e
m
i
T
n
o
it
i
s
n
a
r
Tt
S
N
A
R
T
2
e
r
u
g
i
F
TA
C
°
5
2
+
=5
90
5
1
s
n
TA T
=
N
I
M
T
o
t
X
A
M
0
5
2
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
l
a
v
r
e
t
n
I
t
N
E
P
O
4
e
r
u
g
i
FTA
C
°
5
2
+
=5
0
7s
n
e
m
i
T
n
O
-
n
r
u
T
e
l
b
a
n
Et
)
N
E
(
N
O
3
e
r
u
g
i
F
TA
C
°
5
2
+
=0
0
10
5
1
s
n
TA T
=
N
I
M
T
o
t
X
A
M
0
5
2
e
m
i
T
f
f
O
-
n
r
u
T
e
l
b
a
n
Et
)
N
E
(
F
F
O
3
e
r
u
g
i
F
TA
C
°
5
2
+
=5
2
2
s
n
TA T
=
N
I
M
T
o
t
X
A
M
0
6
2
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
V E
T
C
CL
V
,
F
p
0
0
1
=
O
N
5
e
r
u
g
i
F
,
V
0
=TA
C
°
5
2
+
=2
5
C
p
n
o
it
a
l
o
s
I
f
f
O
)
7
(
V O
S
I
V N
E
R
,
V
0
=
L
z
H
k
0
0
1
=
f
,
m
h
o
k
1
=TA
C
°
5
2
+
=5
7
–
B
d
n
e
e
w
t
e
B
k
l
a
t
s
s
o
r
C
s
l
e
n
n
a
h
C
V T
C
V N
E
,
z
H
k
0
0
1
=
f
,
V
4
.
2
=
V O
N
R
,
p
-
p
V
1
=
L
7
e
r
u
g
i
F
,
m
h
o
k
1
=
TA
C
°
5
2
+
=2
9
–
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
c
i
g
o
LC N
I
z
H
M
1
=
fTA
C
°
5
2
+
=8
F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
O
NC
)
F
F
O
(
O
N
V
z
H
M
1
=
f
N
E
V
=
M
O
C
V
0
=TA
C
°
5
2
+
=1
1F
p
e
c
n
a
ti
c
a
p
a
C
f
f
O
M
O
CC
)
F
F
O
(
M
O
C
V
z
H
M
1
=
f
N
E
V
=
M
O
C
V
0
=TA
C
°
5
2
+
=0
8F
p
e
c
n
a
ti
c
a
p
a
C
n
O
M
O
CC
)
N
O
(
M
O
C
4
e
r
u
g
i
F
,
z
H
M
1
=
fTA
C
°
5
2
+
=0
9F
p
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P
3
±8
±V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V N
E
V
= A
,
V
5
.
5
=
+
V
,
+
V
/
V
0
=
,
V
5
.
5
–
=
–
V
TA
C
°
5
2
+
=0
.
1
–0
.
1A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
it
a
g
e
N–
IV N
E
V
= A
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
,
+
V
/
V
0
=0
.
1
–0
.
1A
µ
t
n
e
r
r
u
C
d
n
u
o
r
GI
D
N
G
V N
E
V
= A
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
,
+
V
/
V
0
=
TA
C
°
5
2
+
=0
.
1
–0
.
1
A
µ
TA T
=
N
I
M
T
o
t
X
A
M
0
.
1
–0
.
1
t
u
p
n
I
c
i
g
o
L
l
a
t
i
g
i
D
e
g
a
tl
o
V
t
u
p
n
I
h
g
i
H
c
i
g
o
LV H
A
V
,
H
N
E
4
.
2
V
e
g
a
tl
o
V
t
u
p
n
I
w
o
L
c
i
g
o
LV L
A
V
,
L
N
E
8
.
0
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
H
e
g
a
tl
o
VI H
A
I
,
H
N
E
VA V
=
N
E
V
4
.
2
=1
.
0
–1
.
0
A
µ
t
u
p
n
I
h
ti
w
t
n
e
r
r
u
C
t
u
p
n
I
w
o
L
e
g
a
tl
o
VI L
A
I
,
L
N
E
VA V
=
N
E
V
8
.
0
=1
.
0
–1
.
0
Electrical Characteristics — Dual Supplies (continued..)
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMin to TMax, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com