Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS396CWI Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS396CWI
Description  Precision, 16-Channel 17V Analog Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS396CWI Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PS396CWI Datasheet HTML 2Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 3Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 4Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 5Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 6Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 7Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 8Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 9Page - Pericom Semiconductor Corporation PS396CWI Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
7
PS8443E
12/18/02
PS396
Precision, 16-Channel, 17VAnalog Multiplexer
Figure 2. Transition Time
V+
+5V
–5V
+3V
–3V
GND
V–
A0
A1
A2
A3
EN
VDD
NO1
NO2-NO15
NO16
COM
50
Ω
50
Ω
V+
+5V
–5V
+3V
–3V
GND
V–
A0
A1
A2
EN
VDD
VOUT
NO1B
NO1A-NO8A,
COMA
NO8A
COMB
300
Ω
300
Ω
35pF
VOUT
35pF
+3V
0V
0V
VNO1
VNO16
Logic
Input
VEN
Switch
Output
VOUT
50%
tTRANS
tR < 20ns
tF < 20ns
90%
90%
Figure 3. Enable Switching Time
V+
+5V
–5V
+3V
GND
V–
A0
A1
A2
A3
EN
VEN
NO1
NO2-NO16
COM
50
Ω
V+
+5V
–5V
+3V
GND
V–
EN
VEN
VOUT
NO1B
NO1A-NO8A,
NO2B-NO8B,
COMA
COMB
50
Ω
300
Ω
300
Ω
35pF
VOUT
35pF
+3V
0V
0V
VOUT
Logic
Input
VEN
Switch
Output
VOUT
50%
tON(EN)
tOFF(EN)
tR < 20ns
tF < 20ns
90%
90%
A0
A1
A2
Test Circuits and Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com