Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0453SMT-R Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # ICPL0453SMT-R
Description  ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0453SMT-R Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ICPL0453SMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0453SMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 05/12/12
DC93163
ELECTRICAL CHARACTERISTICS (TA = 0°C to 70°C unless otherwise specified)
COUPLED
* Typical values at TA = 25°C
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ISOCOM
COMPONENTS
Parameter
Symbol
Test Condition
Min
Typ.*
Max
Unit
Current Transfer Ratio
CTR
ICPL0500
ICPL0452/ ICPL0453 / ICPL0501
IF = 16mA, VO = 0.4V
VCC = 4.5V, TA = 25°C
7
19
50
50
%
ICPL0500
ICPL0452/ ICPL0453 / ICPL0501
IF = 16mA, VO = 0.5V
VCC = 4.5V
5
15
Logic Low Output
Voltage
VOL
ICPL0500
IF = 16mA, IO = 1.1mA,
VCC = 4.5V, TA = 25°C
0.18
0.4
V
ICPL0452/ ICPL0453 / ICPL0501
IF = 16mA, IO = 3mA,
VCC = 4.5V, TA = 25°C
0.18
0.4
ICPL0500
IF = 16mA, IO = 0.8mA,
VCC = 4.5V
0.5
ICPL0452/ ICPL0453 / ICPL0501
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com