Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP817BXSMT-R Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ISP817BXSMT-R
Description  HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISP817BXSMT-R Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ISP817BXSMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ISP817BXSMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ISP817BXSMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16/2/11
DB92275
1.2
3.0
4.0
3.0
3.35
7.0
6.0
0.5
0.5
7.62
1
2
4
3
0.26
13°
Max
2.54
10.16
0.26
7.62
ISP817X
ISP817
Dimensions in mm
HIGH DENSITY MOUNTING
PHOTOTRANSISTOR
OPTICALLY COUPLED ISOLATORS
APPROVALS
UL recognised, File No. E91231 under
Package System 'EE'
'X' SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
DESCRIPTION
The ISP817 series of optically coupled isolators
consist of infrared light emitting diodes and NPN
silicon photo transistors in space efficient dual in
line plastic packages.
FEATURES
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
High Current Transfer Ratio (50% min)
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
High BV
CEO ( 80Vmin )
All electrical parameters 100% tested
Custom electrical selections available
APPLICATIONS
Computer terminals
Industrial systems controllers
Measuring instruments
Signal transmission between systems of
different potentials and impedances
OPTION G
OPTION G
OPTION G
OPTION G
OPTION G
5.08
4.08
ISP817X,
ISP817
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
OPTION SM
OPTION SM
OPTION SM
OPTION SM
OPTION SM
10.46
9.86
0.6
0.1
1.25
0.75
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1UD
Tel:(01429)863609 Fax:(01429)863581


Similar Part No. - ISP817BXSMT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP817 ETC-ISP817 Datasheet
65Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP817 ISOCOM-ISP817 Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817AXSMT-R ISOCOM-ISP817AXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISP817X ETC-ISP817X Datasheet
65Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP817X ISOCOM-ISP817X Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - ISP817BXSMT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X Datasheet
86Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP621 ISOCOM-TLP621 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS121 ISOCOM-IS121 Datasheet
662Kb / 6P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP521-1 ISOCOM-ISP521-1_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com