Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP817BXSMT-R Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # ISP817BXSMT-R
Description  HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISP817BXSMT-R Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  ISP817BXSMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ISP817BXSMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ISP817BXSMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to +125°C
Operating Temperature
-30°C to +100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUTTRANSISTOR
Collector-emitter Voltage BV
CEO
80V
Emitter-collector Voltage BV
ECO
6V
Collector Current
50mA
Power Dissipation
150mW
POWERDISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.4
V
I
F = 20mA
Reverse Current (I
R)10
μAV
R = 4V
Output
Collector-emitter Breakdown (BV
CEO) 80
V
I
C = 1mA
Emitter-collector Breakdown (BV
ECO) 6
V
I
E = 100μA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 20V
Coupled
Current Transfer Ratio (CTR) (Note 2)
50
600
%
5mA I
F , 5V VCE
GB
100
600
%
5mA I
F , 5V VCE
BL
200
600
%
5mA I
F , 5V VCE
A
80
160
%
5mA I
F , 5V VCE
B
130
260
%
5mA I
F , 5V VCE
C
200
400
%
5mA I
F , 5V VCE
D
300
600
%
5mA I
F , 5V VCE
Collector-emitter Saturation VoltageV
CE (SAT)
0.2
V
20mA I
F , 1mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time tr
4
18
μsV
CE = 2V ,
Output Fall Time tf
3
18
μsI
C = 2mA, RL = 100Ω
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
16/2/11
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
DB92275



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com