Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8874 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8874
Description  DS8874 9-Digit Shift Input LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8874 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8874 Datasheet HTML 1Page - National Semiconductor (TI) DS8874 Datasheet HTML 2Page - National Semiconductor (TI) DS8874 Datasheet HTML 3Page - National Semiconductor (TI) DS8874 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
10V
Input Voltage
3V
Output Voltage
10V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Molded Package
1280 mW
Lead Temperature (Soldering 4 sec)
260 C
Derate molded package 1024 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
60
95
V
Temperature (TA)0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Logical ‘‘1’’ Input Current
VCC e Max VIN e 3V
025
04
mA
IIL
Logical ‘‘0’’ Input Current
VCC e Max VIN e 08V
005
01
mA
VCCL
Decimal Point ‘‘ON’’
Vdp e 23V Idp eb4 mA O9 e VOL
60
V
VCCH
Decimal Point ‘‘OFF’’
Vdp e 1V Idp eb10 mA O9 e VOL
70
V
IOH
Logical ‘‘1’’ Output Current
VCC e Max Output Not Selected
100
m
A
VOL
Logical ‘‘0’’ Output Voltage
VCC e Min Output Selected IO1 e 80 mA
045
1
V
VCC e Max Output Selected IO1 e 110 mA
06
15
V
ICC
Supply Current
VCC e Max One Output Selected
13
19
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range All typicals are given for TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Timing Diagram (Upper Level More Positive)
TLF5843 – 4
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com