Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8874 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8874
Description  DS8874 9-Digit Shift Input LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8874 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8874 Datasheet HTML 1Page - National Semiconductor (TI) DS8874 Datasheet HTML 2Page - National Semiconductor (TI) DS8874 Datasheet HTML 3Page - National Semiconductor (TI) DS8874 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5843
March 1988
DS8874 9-Digit Shift Input LED Driver
General Description
The DS8874 is a 9-digit LED driver which incorporates a
shift register input decoding circuit and a low battery indica-
tor Outputs will sink 110 mA at less than 05V drop when
sequentially selected When the VCC supply falls below 65V
typical segment current will be furnished at digit 9 time to
indicate a low battery condition Pin 13 is generally connect-
ed to the decimal point segment on the display so that when
a low battery condition exists the left-most decimal point
lights up
Features
Y
110 mA digit sink
Y
Low battery indicator
Y
Minimum number of connections
Y
MOS compatible inputs
Connection Diagram
Dual-In-Line Package
TLF5843 – 1
Top View
Order Number DS8874N
See NS Package Number N14A
Equivalent Schematic
TLF5843 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8874

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8871 NSC-DS8871 Datasheet
139Kb / 2P
DS8871, DS8872, DS8873 SATURATING LED CATHODE DRIVERS
DS8872 NSC-DS8872 Datasheet
139Kb / 2P
DS8871, DS8872, DS8873 SATURATING LED CATHODE DRIVERS
DS8873 NSC-DS8873 Datasheet
139Kb / 2P
DS8871, DS8872, DS8873 SATURATING LED CATHODE DRIVERS
More results

Similar Description - DS8874

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
National Semiconductor ...
DS8973 NSC-DS8973 Datasheet
83Kb / 4P
DS8973 9-Digit LED Driver
logo
ams AG
AS1108 AMSCO-AS1108 Datasheet
601Kb / 19P
4-Digit LED Display Driver
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
logo
ams AG
AS1108 AMSCO-AS1108_1 Datasheet
592Kb / 19P
4-Digit LED Display Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
9-channel LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
TLC6C598 TI1-TLC6C598 Datasheet
903Kb / 23P
TLC6C598 8-Bit Shift-Register LED Driver
logo
ON Semiconductor
LV5237JA ONSEMI-LV5237JA Datasheet
418Kb / 23P
9-channel LED Driver
November 2014 - Rev. P0
LV5234V ONSEMI-LV5234V Datasheet
347Kb / 24P
9-channel LED Driver
March, 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com