Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSEP Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSEP
Description  HiPerFREDTM Epitaxial Diode with soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEP Datasheet(HTML) 1 Page - IXYS Corporation

  DSEP Datasheet HTML 1Page - IXYS Corporation DSEP Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
HiPerFREDTM Epitaxial Diode
with soft recovery
Features
q International standard package
miniBLOC
q Isolation voltage 2500 V~
q UL registered E 72873
q 2 independent FRED in 1 package
q Planar passivated chips
q Very short recovery time
q Extremely low switching losses
q Low I
RM-values
q Soft recovery behaviour
Applications
q Antiparallel diode for high frequency
switching devices
q Antisaturation diode
q Snubber diode
q Free wheeling diode in converters
and motor control circuits
q Rectifiers in switch mode power
supplies (SMPS)
q Inductive heating
q Uninterruptible power supplies (UPS)
q Ultrasonic cleaners and welders
Advantages
q Avalanche voltage rated for reliable
operation
q Soft reverse recovery for low
EMI/RFI
q Low I
RM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
Dimensions see outlines.pdf
miniBLOC, SOT-227 B
Pulse test: x Pulse Width = 5 ms, Duty Cycle < 2.0 %
y Pulse Width = 300
ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
DSEP 2x 31-04A
I
FAV
= 2x 30 A
V
RRM = 400 V
t
rr
= 30 ns
V
RSM
V
RRM
Type
V
V
400
400
DSEP 2x 31-04A
Symbol
Conditions
Maximum Ratings
I
FRMS
100
A
I
FAVM
T
C = 105°C; rectangular, d = 0.5
30
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
tbd
A
E
AS
T
VJ = 25°C; non-repetitive
tbd
mJ
I
AS = tbd A; L = tbd µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
tbd
A
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
100
W
V
ISOL
50/60 Hz, RMS
2500
V~
I
ISOL £ 1 mA
M
d
mounting torque (M4)
1.1-1.5/9-13
Nm/lb.in.
terminal connection torque (M4)
1.1-1.5/9-13
Nm/lb.in.
Weight
typical
30
g
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
x
T
VJ = 25°C
V
R = VRRM
0.25
mA
T
VJ = 150°C VR = VRRM
1.0
mA
V
F
y
I
F = 30 A;
T
VJ = 125°C
1.15
V
T
VJ = 25°C
1.45
V
R
thJC
1.15
K/W
R
thCH
0.1
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/
ms;
30
ns
V
R = 30 V; TVJ = 25°C
I
RM
V
R = 100 V;
I
F = 50 A; -diF/dt = 100 A/
ms6.8
A
T
VJ = 100°C
Preliminary Data


Similar Part No. - DSEP

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSEP100 DSE-DSEP100 Datasheet
584Kb / 2P
MAINS (UTILITY) DECOUPLING RELAY
logo
IXYS Corporation
DSEP12-12A IXYS-DSEP12-12A Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
logo
Thinki Semiconductor Co...
DSEP12-12A THINKISEMI-DSEP12-12A Datasheet
541Kb / 3P
15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
DSEP12-12A ISC-DSEP12-12A Datasheet
266Kb / 2P
Ultra fast Rectifier
DSEP12-12AZ ISC-DSEP12-12AZ Datasheet
258Kb / 2P
Ultra fast Rectifier
More results

Similar Description - DSEP

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP6-06AS IXYS-DSEP6-06AS Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
L408 IXYS-L408 Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-06A IXYS-DSEP29-06A Datasheet
50Kb / 3P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-06A IXYS-DSEP60-06A Datasheet
41Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-03A IXYS-DSEP60-03A Datasheet
32Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-04A IXYS-DSEP30-04A Datasheet
35Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEC240-06A IXYS-DSEC240-06A Datasheet
411Kb / 1P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP2X60-12A IXYS-DSEP2X60-12A Datasheet
33Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP29-03A IXYS-DSEP29-03A Datasheet
42Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-12A IXYS-DSEP30-12A Datasheet
40Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com