Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9907 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9907
Description  3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9907 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9907 Datasheet HTML 4Page - Richtek Technology Corporation RT9907 Datasheet HTML 5Page - Richtek Technology Corporation RT9907 Datasheet HTML 6Page - Richtek Technology Corporation RT9907 Datasheet HTML 7Page - Richtek Technology Corporation RT9907 Datasheet HTML 8Page - Richtek Technology Corporation RT9907 Datasheet HTML 9Page - Richtek Technology Corporation RT9907 Datasheet HTML 10Page - Richtek Technology Corporation RT9907 Datasheet HTML 11Page - Richtek Technology Corporation RT9907 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
RT9907
8
DS9907-11 May 2014
www.richtek.com
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Oscillator Ferquency vs. RRT
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
600
RRT (kΩ)
Boost Efficiency vs. Output Current
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
VOUT = 3.3V
VIN
3V
2.5V
2V
1.8V
Boost
Time (1ms/Div)
Boost Load Transient Response
VIN = 1.8V, VOUT = 3.3V, @IOUT = 100mA to 400mA
(
°C)
Reference Voltage vs. Temperature
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
-50
-30
-10
103050
7090
Temperature
Boost Output Voltage vs. VDD1 Voltage
3.305
3.31
3.315
3.32
3.325
3.33
3.335
3.34
3.345
1.52
2.533.54
4.55
5.5
VDD1 Voltage (V)
VBAT = 2.5V, VDDM = 3.3V, IOUT = 250mA
Boost Output Voltage vs. VDDM Voltage
3.316
3.318
3.32
3.322
3.324
3.326
3.328
3.33
3.332
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
VDDM Voltage (V)
VBAT = 2.5V, VDD1 = 3.3V, IOUT = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com