Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9907 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9907
Description  3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9907 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9907 Datasheet HTML 1Page - Richtek Technology Corporation RT9907 Datasheet HTML 2Page - Richtek Technology Corporation RT9907 Datasheet HTML 3Page - Richtek Technology Corporation RT9907 Datasheet HTML 4Page - Richtek Technology Corporation RT9907 Datasheet HTML 5Page - Richtek Technology Corporation RT9907 Datasheet HTML 6Page - Richtek Technology Corporation RT9907 Datasheet HTML 7Page - Richtek Technology Corporation RT9907 Datasheet HTML 8Page - Richtek Technology Corporation RT9907 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RT9907
®
DS9907-11 May 2014
www.richtek.com
1
©
Copyright 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Features
1.5V to 5.5V Battery Input Voltage Range
Main step-up DC-DC Converter

1.5V to 5.5V Adjustable Output Voltage

Up to 90% Efficiency

2.6A, 0.3
Ω
Ω
Ω
Ω
Ω Internal Power Switch
Two Step-Down DC-DC Converters

0.8V to 5.5V Adjustable Output Voltage

94% Efficiency

100% Duty Cycle
Up to 1.4MHz Switching Frequency
1uA Supply Current in Shutdown Mode
Programmable Soft Start Function
Independent Enable Pin (CH1, CH2, CH3)
External Compensation Network (CH1, CH2, CH3)
Short Circuit Protection (CH1, CH2, CH3)
Over Voltage Protection (CH2)
24-Lead VQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Digital Still Camera
PDAs
Portable Device
3 Channel DC/DC Converters IC with High-Efficiency Step-Up
and Step-Down
General Description
The RT9907 is a three channel power-supply solution for
digital still cameras and other battery-powered devices. It
integrates an asynchronous step-up and two synchronous
step-down DC-DC converters. The RT9907 is targeted for
applications that use two AA cells or a single lithium-ion
battery.
The threeDC-DC converters (CH1, CH2, CH3) accept input
voltage from 1.5V to 5.5V. Each DC-DC converter has
better transient response and excellent stability by
providing current-mode control and external compensation
network. With built-in Internal MOSFET and up to 1.4MHz
operating frequency, the RT9907 allows minimum BOM
cost and PCB area.
The step-downDC-DC converters (CH2, CH3) can regulate
output voltage as low as 0.8V. Three operational modes
are available: PWM, PSM, Low-Dropout modes. At PWM
mode, Internal synchronous rectifier with low RDS(ON)
dramatically reduces conduction loss and achieve 94%
efficiency. It enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper P-MOSFET. No external Schottky
diode is required in practical application.
Each DC-DC converter has independent enable input and
soft-start function allowing versatile power sequence
combination. Complete protection functions are
implemented such as short circuit, over-voltage protection.
The RT9907 is available in small VQFN-24L 4x4 package.
Pin Configurations
(TOP VIEW)
VQFN-24L 4x4
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
COMP3
VDD3
LX3
PGND3
SS
RT
EN1
ENM
VDD2
LX2
PGND2
LX1
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
10
12
14
13
24
22
23
11
GND
25
RT9907
Package Type
QV : VQFN-24L 4x4 (V-Type)
(Exposed Pad-Option 1)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9907

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907 Datasheet
472Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907GQV RICHTEK-RT9907GQV Datasheet
472Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907PQV RICHTEK-RT9907PQV Datasheet
472Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907 RICHTEK-RT9907_11 Datasheet
463Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
More results

Similar Description - RT9907

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9901 RICHTEK-RT9901 Datasheet
482Kb / 19P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9902 RICHTEK-RT9902 Datasheet
514Kb / 21P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
5 Channel DC/DC Converters IC with High-Efficiency Step-Up
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up
RT9907 RICHTEK-RT9907 Datasheet
472Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8 Datasheet
196Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_11 Datasheet
463Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Linear Technology
LTC1503-1.8 LINER-LTC1503-1.8_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC1503-2 LINER-LTC1503-2_15 Datasheet
202Kb / 12P
High Efficiency Inductorless Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com