Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9986A
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9986A Datasheet HTML 3Page - Richtek Technology Corporation RT9986A Datasheet HTML 4Page - Richtek Technology Corporation RT9986A Datasheet HTML 5Page - Richtek Technology Corporation RT9986A Datasheet HTML 6Page - Richtek Technology Corporation RT9986A Datasheet HTML 7Page - Richtek Technology Corporation RT9986A Datasheet HTML 8Page - Richtek Technology Corporation RT9986A Datasheet HTML 9Page - Richtek Technology Corporation RT9986A Datasheet HTML 10Page - Richtek Technology Corporation RT9986A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
DS9986A-00 May 2011
www.richtek.com
RT9986A
Function Block Diagram
CH1
C-Mode
Step-Up
CH2
C-Mode
Step-Up or
Step-Down
CH3
C-Mode
Step-Down
+
-
0.8V
REF
CH5
C-Mode
Step-Up
PWM
+
-
1.25V
REF
FB5
LX5
VDDM
GND
LX1
LX2
FB3
PVDD3
PVDD1
PVDD2
LX3
CH6
Inverting
PVDD5
LX6
+
-
FB6
CH7 C-Mode
Step-Up or
Current Source
+
PWM Dimming
+
Mode Selector
0.25V
REF
FB7
LX7
EN7
LX4
FB4
CH4
C-Mode
Step-Down
+
-
0.8V
REF
PVDD4
EN1234
EN56
Power On/Off
Sequence Control
Logic Block
VDDM
BAT
VDDM
VDDM
Body
Diode
Control
VNEG
VDDM
VOUT6
30mA(max.)
VDDM
VDDM
VDDM
+
-
0.8V
REF
FB2
+
-
0.8V
REF
FB1
Voltage
Detector
SYSR
VCHK
FB2
RTCPWR
Soft-Start
UVLO
UVLO
Body
Diode
Control
RTC_LDO
W/ Body Diode
Control
VDDI
RTCPWR
Body
Diode
Control
0.6V
REF
1.8V
REF
VREF
PVDD7
Body
Diode
Control
RST
SYS_Reset
VDDM
BAT
BAT
BAT
BAT
BAT
VDDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com