Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986A Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9986A
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986A Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9986A Datasheet HTML 4Page - Richtek Technology Corporation RT9986A Datasheet HTML 5Page - Richtek Technology Corporation RT9986A Datasheet HTML 6Page - Richtek Technology Corporation RT9986A Datasheet HTML 7Page - Richtek Technology Corporation RT9986A Datasheet HTML 8Page - Richtek Technology Corporation RT9986A Datasheet HTML 9Page - Richtek Technology Corporation RT9986A Datasheet HTML 10Page - Richtek Technology Corporation RT9986A Datasheet HTML 11Page - Richtek Technology Corporation RT9986A Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
DS9986A-00 May 2011
www.richtek.com
RT9986A
Electrical Characteristics
(VDDM = VBAT = 3.3V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VDDM, BAT ---------------------------------------------------------------------
−0.3V to 6V
VOUT6 --------------------------------------------------------------------------------------------------------
−10V to 0.3V
LX1, LX2, LX3, LX4 -----------------------------------------------------------------------------------------
−0.3V to 6V
PVDD5, LX5 -------------------------------------------------------------------------------------------------
−0.3V to 24V
PVDD7, LX7 -------------------------------------------------------------------------------------------------
−0.3V to 17V
LX6 ------------------------------------------------------------------------------------------------------------- (BAT
− 14V) to (BAT + 0.3V)
Other Pins ----------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WQFN 32L 4x4 ---------------------------------------------------------------------------------------------- 3.590W
Package Thermal Resistance (Note 2)
WQFN 32L 4x4,
θJA ---------------------------------------------------------------------------------------- 27.8°C/W
WQFN 32L 4x4,
θJC ---------------------------------------------------------------------------------------- 7°C/W
Junction Temperature -------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------------- 260
°C
Storage Temperature Range -----------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
VDDM --------------------------------------------------------------------------------------------------------- 2.7V to 5.8V
Junction Temperature Range -----------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -----------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input Voltage
BAT Startup Voltage
VST
1.5
--
--
V
BAT UVLO Threshold
BAT Falling
--
1.3
--
V
BAT UVLO Hysteresis
--
0.2
--
V
VDDM OVP Threshold
VDDM Rising
5.85
6
6.15
V
VDDM OVP Hysteresis
--
−0.25
--
V
VDDM UVLO Threshold
VDDM Rising
2.2
2.4
2.6
V
VDDM UVLO Hysteresis
--
0.3
--
V
Supply Current
Shutdown Supply Current
(IBAT + IVDDM)
IOFF
All EN pins = 0, VBAT = 3.3V
--
10
20
μA
CH1 Synchronous Step-Up Supply
Current into VDDM
IQ1
Non switching, VEN1234 = 3.3V
--
--
800
μA
CH2 Synchronous Step-Up or
Step-Down Supply Current into VDDM
IQ2
Non switching, VEN1234 = 3.3V
--
--
800
μA
CH3 Synchronous Step-Down Supply
Current into VDDM
IQ3
VEN1234 = 3.3V
--
--
800
μA
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com