Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4544 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SC4544
Description  Silicon NPN transistor in a TO-220F Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC4544 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC4544 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4544 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4544 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4544 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4544 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4544 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC4544
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220F 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-220F Plastic Package.

耐压高,共基极输出电容小,集电极金属(散热片)被树脂全包封。
High voltage, low collector output capacitance, collector metal(Fin) is fully covered with mold resin.

用于高压开关和放大,彩电行激励及色度信号输出。
High voltage switching and amplifier, color TV horizontal driver and chroma output applications.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - 2SC4544

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4544 TOSHIBA-2SC4544 Datasheet
203Kb / 3P
NPN TRIPLE DIFFUSE TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DIRVER, CHROMA OUTPUT APPLICATIONS)
2SC4544 TOSHIBA-2SC4544 Datasheet
134Kb / 5P
Silicon NPN Triple Diffuse Type (PCT Process)
logo
Savantic, Inc.
2SC4544 SAVANTIC-2SC4544 Datasheet
204Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4544 ISC-2SC4544 Datasheet
235Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4544 SAVANTIC-2SC4544 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4544

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC2275 FOSHAN-2SC2275 Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC2275A FOSHAN-2SC2275A Datasheet
919Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC3834F FOSHAN-2SC3834F Datasheet
947Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC3852 FOSHAN-2SC3852 Datasheet
808Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SC5171 FOSHAN-2SC5171 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SD1833 FOSHAN-2SD1833 Datasheet
858Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
2SD1913 FOSHAN-2SD1913 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
MJE13005DR8 FOSHAN-MJE13005DR8 Datasheet
875Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package
MJE13007V8 FOSHAN-MJE13007V8 Datasheet
847Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package
MJE13007X8 FOSHAN-MJE13007X8 Datasheet
881Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com