Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC652 Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # HC652
Description  Octal 3-State Bus Transceivers and D Flip-Flops
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC652 Datasheet(HTML) 5 Page - System Logic Semiconductor

  HC652 Datasheet HTML 1Page - System Logic Semiconductor HC652 Datasheet HTML 2Page - System Logic Semiconductor HC652 Datasheet HTML 3Page - System Logic Semiconductor HC652 Datasheet HTML 4Page - System Logic Semiconductor HC652 Datasheet HTML 5Page - System Logic Semiconductor HC652 Datasheet HTML 6Page - System Logic Semiconductor HC652 Datasheet HTML 7Page - System Logic Semiconductor HC652 Datasheet HTML 8Page - System Logic Semiconductor HC652 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SL74HC652
System Logic
Semiconductor
SLS
TIMING REQUIREMENTS(Input t
r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Input A to
A-to-B Clock (or Input B to B-to-A
Clock) (Figure 7)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
th
Minimum Hold Time, A-to-B Clock to
Input A (or B-to-A Clock to
Input B) (Figure 7)
2.0
4.5
6.0
25
5
5
30
6
5
40
8
7
ns
tw
Minimum Pulse Width, A-to-B Clock
(or B-to-A Clock)
(Figure 7)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
(Figures 2 and 3)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com