Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC652 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC652
Description  Octal 3-State Bus Transceivers and D Flip-Flops
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC652 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC652 Datasheet HTML 1Page - System Logic Semiconductor HC652 Datasheet HTML 2Page - System Logic Semiconductor HC652 Datasheet HTML 3Page - System Logic Semiconductor HC652 Datasheet HTML 4Page - System Logic Semiconductor HC652 Datasheet HTML 5Page - System Logic Semiconductor HC652 Datasheet HTML 6Page - System Logic Semiconductor HC652 Datasheet HTML 7Page - System Logic Semiconductor HC652 Datasheet HTML 8Page - System Logic Semiconductor HC652 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL74HC652
System Logic
Semiconductor
SLS
Octal 3-State Bus Transceivers and D Flip-Flops
High-Performance Silicon-Gate CMOS
The SL74HC652 is identical in pinout to the LS/ALS652. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
These devices consists of bus transceiver circuits, D-type flip-flop,
and control circuitry arranged for multiplex transmission of data
directly from the data bus or from the internal storage registers.
Direction and Output Enable are provided to select the read-time or
stored data function. Data on the A or B Data bus, or both, can be
stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock pins (A-to-B Clock or B-to-A Clock) regardless of the
select or enable or enable control pins. When A-to-B Source and B-to-
A Source are in the real-time transfer mode, it is also possible to store
data without using the internal D-type flip-flops by simulta-neously
enabling Direction and Output Enable. In this configuration each
output reinforces its input. Thus, when all other data sources to the
two sets of bus lines are at high impedance, each set of bus lines will
remain at its last state.
The SL74HC652 has noninverted outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC652N Plastic
SL74HC652D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 24=VCC
PIN 12 = GND
PIN ASSIGNMENT


Similar Part No. - HC652

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HC65T3 CONNOR-WINFIELD-HC65T3 Datasheet
60Kb / 1P
14 PIN DIP HCMOS CLOCKS
logo
List of Unclassifed Man...
HC65T3R ETC1-HC65T3R Datasheet
63Kb / 1P
T3 APPLICATION ENABLE/DISABLE CLOCKS
logo
Connor-Winfield Corpora...
HC65T3R CONNOR-WINFIELD-HC65T3R Datasheet
100Kb / 1P
5.0V 14 PIN DIP /-20PPM CLOCK SERIES
More results

Similar Description - HC652

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
SL74HC652 SLS-SL74HC652 Datasheet
79Kb / 9P
Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC652 INTEGRAL-IN74HC652 Datasheet
297Kb / 9P
OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
IN74ACT534 INTEGRAL-IN74ACT534 Datasheet
190Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
IN74ACT651 INTEGRAL-IN74ACT651 Datasheet
282Kb / 8P
OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
IN74ACT652 INTEGRAL-IN74ACT652 Datasheet
282Kb / 8P
OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
logo
KODENSHI_AUK CORP.
KK74AC651 KODENSHI-KK74AC651 Datasheet
513Kb / 9P
Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74AC652 KODENSHI-KK74AC652 Datasheet
507Kb / 9P
Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74ACT651 KODENSHI-KK74ACT651 Datasheet
499Kb / 9P
Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74HC652A KODENSHI-KK74HC652A Datasheet
453Kb / 10P
Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com