Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS66203 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS66203
Description  HDTV Audio/Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS66203 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS66203 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HDTV Audio/Video Clock Source
MDS 662-03 C
5
Revision 082003
Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 295-9800 ●
www.icst.com
ICS662-03
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±10%, Ambient Temperature 0 to +70
°C
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Rise Time
tOR
20% to 80%, 15 pF load
1.2
1.5
ns
Output Clock Fall Time
tOF
80% to 20%, 15 pF load
1.0
1.5
ns
Output Duty Cycle
tOD
at VDD/2, 15 pF load
45
55
%
Jitter, short term
tP-P
15 pF load
+75
ps
Jitter, long term
27M output, 15pF load,
first 8 modes,
1000 cycles delay
900
ps
27M output, 15pF load,
last 8 modes,
1000 cycles delay
600
ps
Frequency Synthesis Error
0
ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com