Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS66203 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS66203
Description  HDTV Audio/Video Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS66203 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS66203 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS66203 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HDTV Audio/Video Clock Source
MDS 662-03 C
2
Revision 082003
Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 295-9800 ●
www.icst.com
ICS662-03
Pin Assignment
8 pin (150 mil) SOIC
Output Clock Selection Table
Pin Descriptions
REF_IN
VDD
GND
S3
S2
S1
CLK
S0
1
2
3
4
8
7
6
5
S3
S2
S1
S0
Input
Frequency
(MHz)
Output
Frequency
(MHz)
0000
74.175824
8.192
0001
74.175824
11.2896
0010
74.175824
12.288
0011
74.175824
24.576
0100
74.175824
16.9344
0101
74.175824
18.432
0110
74.175824
36.864
0111
74.175824
27
1000
74.25
8.192
1001
74.25
11.2896
1010
74.25
12.288
1011
74.25
24.576
1100
74.25
16.9344
1101
74.25
18.432
1110
74.25
36.864
1111
74.25
27
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
REF_IN
Input
Connect this pin to a HDTV clock input.
2
VDD
Power
Connect to +3.3V.
3
GND
Power
Connect to ground.
4
S2
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
5
CLK
Output
Clock output.
6
S1
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
7
S3
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.
8
S0
Input
Output frequency selection. Determines output frequency per table above. On chip pull up.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com