Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94222 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICS94222
Description  Programmable System Frequency Generator for PII/III?
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS94222 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICS94222 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
ICS94222
Advance Information
This document is confidential and should not be released
without written consent from ICS.
General Description
The ICS94222 is a single chip clock solution for desktop designs using the BX/Apollo Pro133/ALI 1631 style chipset. It provides all
necessary clock signals for such a system.
The ICS94222 belongs to ICS new generation of programmable system clock generators. It employs serial programming I2C interface
as a vehicle for changing output functions, changing output frequency, configuring output strength, configuring output to output skew,
changing spread spectrum amount, changing group divider ratio and dis/enabling individual clocks. This device also has ICS
propriety 'Watchdog Timer' technology which will reset the frequency to a safe setting if the system become unstable from over
clocking.
Mode Pin - Power Management Input Control
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
3
n
i
P
0
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
0
F
E
R
)
t
u
p
t
u
O
(
Power Groups
AVDD48 = 48MHz, Fixed PLL
AVDD = CPU PLL, XTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com