Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94222 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ICS94222
Description  Programmable System Frequency Generator for PII/III?
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS94222 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ICS94222 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 16Page - List of Unclassifed Manufacturers ICS94222 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
ICS94222
Advance Information
This document is confidential and should not be released
without written consent from ICS.
Electrical Characteristics - SDRAM
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
V
OH3
I
OH = -28 mA
2.4
V
Output Low Voltage
V
OL3
I
OL = 23 mA
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-54
mA
Output Low Current
IOL3
VOL = 0.8 V
41
mA
Rise Time
Tr3
1
VOL = 0.4 V, VOH = 2.4 V
2
ns
Fall Time
Tf3
1
VOH = 2.4 V, VOL = 0.4 V
2
ns
Duty Cycle
Dt3
1
VT = 1.5 V
45
55
%
Skew
1
Tsk1
VT = 1.5 V
500
ps
Propagation Delay
Tprop
VT = 1.5 V
5
ns
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH4B
IOH = -12 mA
2
V
Output Low Voltage
VOL4B
IOL = 12 mA
0.4
V
Output High Current
IOH4B
VOH = 1.7 V
-19
mA
Output Low Current
IOL4B
VOL = 0.7 V
19
mA
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
2
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
2
ns
Duty Cycle
1
Dt4B
VT = 1.25 V
45
55
%
Jitter, One Sigma
1
Tj1s4B
VT = 1.25 V
0.5
ns
Jitter, Absolute
1
Tjabs4B
VT = 1.25 V
-1
1
ns
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com