Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS951601
Description  General Purpose Frequency Timing Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951601 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS951601 Datasheet HTML 1Page - Integrated Circuit Systems ICS951601 Datasheet HTML 2Page - Integrated Circuit Systems ICS951601 Datasheet HTML 3Page - Integrated Circuit Systems ICS951601 Datasheet HTML 4Page - Integrated Circuit Systems ICS951601 Datasheet HTML 5Page - Integrated Circuit Systems ICS951601 Datasheet HTML 6Page - Integrated Circuit Systems ICS951601 Datasheet HTML 7Page - Integrated Circuit Systems ICS951601 Datasheet HTML 8Page - Integrated Circuit Systems ICS951601 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS951601
Preliminary Product Preview
0663B—09/04/03
Pin Descriptions
Pin number
Pin name
Type
Description
1
REF0
OUT
Reference output
2, 13, 18, 21, 26,
33, 38, 46
VDD
PWR
3.3V Power supply
3
X1
IN
Crystal input,nominally 14.318MHz.
4
X2
OUT
Crystal output, nominally 14.318MHz.
9, 44
VDDA
PWR
Analog 3.3V Power supply
10, 30, 36, 42
SELxx
IN
Real time PCI output frequency selection pins
5, 14, 17, 22, 27,
32, 39, 47
GND
PWR
Ground pins
6
SDATA
I/O
Data pin for I
2C circuitry 5V tolerant
7SCLK
IN
Clock input of I
2C input
8, 43
GNDA
PWR
Analog ground pins
24, 23, 20, 19,
16, 15, 12, 11,
PCI1A (7:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
29, 28, 25
PCI1B (2:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
35, 34, 31
PCI2A (2:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
41, 40, 37
PCI2B (2:0)
OUT
PCI clock outputs, selectable to be either
33.33 or 66.66MHz at 3.3V.
45
SPREAD
IN
Enables Spread Spectrum, default is on.
48
48MHz
OUT
Fixed 48MHz clock output for USB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com