Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951601 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS951601
Description  General Purpose Frequency Timing Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951601 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS951601 Datasheet HTML 1Page - Integrated Circuit Systems ICS951601 Datasheet HTML 2Page - Integrated Circuit Systems ICS951601 Datasheet HTML 3Page - Integrated Circuit Systems ICS951601 Datasheet HTML 4Page - Integrated Circuit Systems ICS951601 Datasheet HTML 5Page - Integrated Circuit Systems ICS951601 Datasheet HTML 6Page - Integrated Circuit Systems ICS951601 Datasheet HTML 7Page - Integrated Circuit Systems ICS951601 Datasheet HTML 8Page - Integrated Circuit Systems ICS951601 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
ICS951601
Preliminary Product Preview
0663B—09/04/03
Block Diagram
General Purpose Frequency Timing Generator
Pin Configuration
48-pin SSOP
*120K ohm pull-up to VDD on indicated inputs.
Recommended Application:
General Purpose Clock Generator
Output Features:
•
17 - PCI clocks selectable,
either 33.33MHz or 66.6MHz @ 3.3V
•
1 - 48MHz @ 3.3V
•
1 - REF @ 3.3V, 14.318MHz.
Features:
•
Programable Spread spectrum precentage for EMI control
•
Uses external 14.318MHz crystal
•
Select pins for frequency select
Key Specifications:
•
PCI – PCI output skew within same bank @ 33MHz: <170ps
•
PCI – PCI output skew within same bank@ 66MHz: <340ps
•
Cycle to Cycle Jitter PCI @ 33MHz: <200ps
•
Cycle to Cycle Jitter PCI @ 66MHz: <200ps
•
Cycle to Cycle Jitter 48MHz: <350ps
•
Cycle to Cycle Jitter REF: <500ps
•
Slew Rate: 1.5 - 4 V/ns. (PCI spec.)
PLL2
PLL1
Spread
Spectrum
48MHz
PCI1A (7:0)
PCI2A (2:0)
PCI1B (2:0)
PCI2B (2:0)
8
3
3
3
X1
X2
XTAL
OSC
PCI
DIVDER
PCI
DIVDER
PCI
DIVDER
PCI
DIVDER
SDATA
SCLK
SELA (2:1)
SELB (2:1)
SPREAD
Control
Logic
Config.
Reg.
REF0
Power Groups:
VDDA = Analog Power
GNDA = Analog Ground
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to
change without notice.
REF0
VDD
X1
X2
GND
SDATA
SCLK
GNDA
VDDA
SEL1A
PCI1A_0
PCI1A_1
VDD33
GND
PCI1A_2
PCI1A_3
GND
VDD33
PCI1A_4
PCI1A_5
VDD33
GND
PCI1A_6
PCI1A_7
48MHz
GND
VDD48
SPREAD
VDDA
GNDA
SEL2B
PCI2B_2
PCI2B_1
GND
VDD66
PCI2B_0
SEL2A
PCI2A_2
PCI2A_1
VDD2A
GND
PCI2A_0
SEL1B
PCI1B_2
PCI1B_1
GND
VDD1B
PCI1B_0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS951601

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951601 RENESAS-ICS951601 Datasheet
338Kb / 11P
General Purpose Frequency Timing Generator
2019
ICS951601YFLF RENESAS-ICS951601YFLF Datasheet
338Kb / 11P
General Purpose Frequency Timing Generator
2019
More results

Similar Description - ICS951601

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
logo
Silicon Laboratories
W173 SILABS-W173 Datasheet
69Kb / 5P
Tape Drive Frequency Timing Generator
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
ICS951601 RENESAS-ICS951601 Datasheet
338Kb / 11P
General Purpose Frequency Timing Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com