Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3520 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3520
Description  Integrated White LED Driver with Organic LED Display Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3520 Datasheet HTML 1Page - National Semiconductor (TI) LM3520 Datasheet HTML 2Page - National Semiconductor (TI) LM3520 Datasheet HTML 3Page - National Semiconductor (TI) LM3520 Datasheet HTML 4Page - National Semiconductor (TI) LM3520 Datasheet HTML 5Page - National Semiconductor (TI) LM3520 Datasheet HTML 6Page - National Semiconductor (TI) LM3520 Datasheet HTML 7Page - National Semiconductor (TI) LM3520 Datasheet HTML 8Page - National Semiconductor (TI) LM3520 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Description
Pin #
Pin Name
Description
1V
SW
Switching Voltage
2V
IN
Input Voltage
3
AGND
Analog Ground
4
NC
No Connect
5
MAIN_EN
Main Enable
6
SUB_EN
Sub Display Enable
7
PFM_EN
PFM mode: OLED sub-display, pin must be tied to SUB_EN
8
SUB_FB
Sub Display Feedback
9V
SUB
Sub Display Power Supply Voltage
10
V
O_MAIN
Main Output Voltage
11
MAIN_FB
Main Display Feedback
12
MAIN_RTN
Main Display Return Voltage
13
DGND
Digital Ground
14
NC
No Connect
Ordering Information
Order Number
Package
NSC Package
Marking
Supplied As
LM3520SD
LLP-14
L133B
1000 units, Tape and Reel
LM3520SDX
L133B
4500 units, Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com