Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3520 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3520
Description  Integrated White LED Driver with Organic LED Display Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3520 Datasheet HTML 6Page - National Semiconductor (TI) LM3520 Datasheet HTML 7Page - National Semiconductor (TI) LM3520 Datasheet HTML 8Page - National Semiconductor (TI) LM3520 Datasheet HTML 9Page - National Semiconductor (TI) LM3520 Datasheet HTML 10Page - National Semiconductor (TI) LM3520 Datasheet HTML 11Page - National Semiconductor (TI) LM3520 Datasheet HTML 12Page - National Semiconductor (TI) LM3520 Datasheet HTML 13Page - National Semiconductor (TI) LM3520 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Application Information (Continued)
tor is sufficient for the main-display. A minimum of 4.7µF
output capacitor is recommended for V
SUB output. Larger
output capacitor can be used to reduce ripple voltage. The
LM3520 has a maximum OVP of 24.2V, a 25V minimum
rated capacitor voltage is recommended for the application
to ensure proper biasing.
Local bypassing for the input is needed on LM3520. Multi-
layer ceramic capacitors with low ESR are a good choice for
this as well. A 10 µF capacitor is sufficient for most applica-
tions. Using larger capacitance decreases input voltage
ripple on the input. Extra attention is required if smaller case
size capacitor is used in the application. Smaller case size
capacitor typically has less capacitance for a given bias
voltage as compared to a larger case size capacitor with the
same bias voltage. Please contact the capacitor manufac-
turer for detail information regarding capacitance verses
case size. Table 3 lists several capacitor suppliers.
TABLE 3.
Suppliers
Website
TDK
www.tdk.com
Suppliers
Website
AVX
www.avxcorp.com
Murata
www.murata.com
LAYOUT CONSIDERATIONS
As for any high frequency switcher, it is important to place
the external components as close as possible to the IC to
maximize device performance. Below are some layout rec-
ommendations: 1) Place input filter and output filter capaci-
tors close to the IC to minimize copper trace resistance
which will directly effect the overall ripple voltage. 2) Place
the feedback network resistors in the Main and Sub display
close to the IC. 3) Route noise sensitive trace away from
noisy power components. 4) Connect the ground pins and
filter capacitors together via a ground plane to prevent
switching current circulating through the ground plane. Simi-
larly the ground connection for the feedback network should
tie directly to GND plane. If no ground plan is available, the
ground connections should tie directly to the device GND
pin. Additional layout consideration regarding the LLP pack-
age can be found in Application AN1187
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com