Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS30 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL3ICS30
Description  UCODE HSL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3ICS30 Datasheet(HTML) 4 Page - NXP Semiconductors

  SL3ICS30 Datasheet HTML 1Page - NXP Semiconductors SL3ICS30 Datasheet HTML 2Page - NXP Semiconductors SL3ICS30 Datasheet HTML 3Page - NXP Semiconductors SL3ICS30 Datasheet HTML 4Page - NXP Semiconductors SL3ICS30 Datasheet HTML 5Page - NXP Semiconductors SL3ICS30 Datasheet HTML 6Page - NXP Semiconductors SL3ICS30 Datasheet HTML 7Page - NXP Semiconductors SL3ICS30 Datasheet HTML 8Page - NXP Semiconductors SL3ICS30 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Short Form Specification, Revision 3.0 October 2003
UCODE HSL
SL3ICS30 01
4
9)
Practical useable read distance values may be notable lower, strongly depending on application set-up,
damping by environment materials and the quality of the matching between tag antenna and chip impedance.
1.2 Collision Arbitration, Anticollision
An intelligent collision arbitration function allows operating more than one label in the filed simultaneously. The
aniticollision algorithm selects each tag individually and ensures that the execution of a transaction with a
selected tag is performed correctly without data corruption resulting from other tags in the field.
1.3 Data Integrity
The following mechanisms are implemented in the contactless communication link between the interrogator and
the tag ensure very reliable data transmission:
•
16 bit CRC
•
Bit count checking
•
Bit coding to distinguish between “1”, “0” and no information
•
Channel monitoring (protocol sequence and bit stream analysis)
1.4 Air Interface Standards
The SL3ICS30 is fully supporting standardization on air interfaces. The SL3ICS30 is targeted to be compliant
with the following air interfaces:
•
ISO/IEC 18000-4 – Information Technology - Radio Frequency Identification (RFID) for Item Management –
Part 4: Parameters for Air Interface Communications at 2.45 GHz
•
ISO/IEC 18000-6 – Information Technology - Radio Frequency Identification (RFID) for Item Management –
Part 6: Parameters for Air Interface Communications at 860 - 930 MHz
•
ANSI/INCITS 256-2001 – Radio Frequency Identification (RFID) Part 3 - 2.45 GHz
•
ANSI/INCITS 256-2001 – Radio Frequency Identification (RFID) Part 4 - UHF
1.5 Application Standards
The SL3ICS30 is also fully supporting application standardization. The SL3ICS30 is targeted to be compliant
with the following application standards:
•
MH10.8.4 – Radio Frequency Identification for Returnable Containers and Cable Reels
•
AIAG B-11 – Automotive Tire and Wheel Label Radio Frequency (RFID) Identification Standard
•
EAN.UCC GTAG™ – Radio Frequency Identification (RFID) Performance Standards Initiative
•
ISO 18185 – Freight Containers -Radio-frequency communication protocol for electronic seal



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com