Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3ICS30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL3ICS30
Description  UCODE HSL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL3ICS30 Datasheet(HTML) 6 Page - NXP Semiconductors

  SL3ICS30 Datasheet HTML 1Page - NXP Semiconductors SL3ICS30 Datasheet HTML 2Page - NXP Semiconductors SL3ICS30 Datasheet HTML 3Page - NXP Semiconductors SL3ICS30 Datasheet HTML 4Page - NXP Semiconductors SL3ICS30 Datasheet HTML 5Page - NXP Semiconductors SL3ICS30 Datasheet HTML 6Page - NXP Semiconductors SL3ICS30 Datasheet HTML 7Page - NXP Semiconductors SL3ICS30 Datasheet HTML 8Page - NXP Semiconductors SL3ICS30 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Short Form Specification, Revision 3.0 October 2003
UCODE HSL
SL3ICS30 01
6
2 BLOCK DIAGRAM
32 Bit
Analogue RF Interface
Digital Control
EEPROM
Sequencer
Charge Pump
VDD
Data
In
Data
Out
R/W
Anticollision
Read/Write
Control
Access
Control
EEPROM Interface
Control
RF Interface
Control
PAD
VREG
V
RECT
DEMOD
MOD
PAD
Figure 1: Tag IC Block Diagram
3 FEATURES
3.1 RF Interface
•
Contactless transmission of data and supply energy (no battery needed)
•
Operating distance, depending on antenna geometry and local regulations, up to 8.4 m for a single
antenna.
•
Operating frequency within the released operating bands from 860 MHz to 960 MHz and 2.4 GHz to
2.5 GHz.
•
High data integrity: 16 bit CRC, framing
•
True aniticollision for collision arbitration
•
Write distance 70% of reading distance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com