Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3145CMP Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL3145CMP
Description  1.6GHz NPN TRANSISTOR ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3145CMP Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL3145CMP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SL3145
Fig.3 Transition frequency (fT) v. collector base voltage
(IC = 5mA, Frequency = 200MHz)
Fig.4 Variation of transition frequency (fT) with temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com