Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3145CMP Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL3145CMP
Description  1.6GHz NPN TRANSISTOR ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3145CMP Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL3145CMP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3145CMP Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SL3145
30
18
55
20
0.74
0.26
0.1
0.95
0.45
0.35
0.2
0.2
2.0
-1.6
100
0.3
0.6
100
0.4
0.4
0.8
1.6
3.0
1
20
15
20
10
0.64
40
BVCBO
LVCEO
BVCIO
BVBIO
VBE
VCE(SAT)
IEBO
VBE(SAT)
∆VBE
∆VBE
∆IB
∆IB
∂∆VBE
∂T
∂VBE
∂T
HFE
ICBO
ICIO
IBIO
CEB
CCB
CCI
fT
NF
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following test conditions (unless otherwise stated)
Tamb = 22
°C ± 2°C
0.84
0.5
1
5
5
3
2
Value
Units
Conditions
Min.
Typ.
Max.
Symbol
Static characteristic
Collector base breakdown
Collector emitter breakdown
Collector substrate breakdown (isolation)
Base to isolation breakdown
Base emitter voltage
Collector emitter saturation voltage
Emitter base leakage current
Base emitter saturation voltage
Base emitter voltage difference,
all transistors expect TR1, TR2
Base emitter voltage difference
TR1, TR2
Input offset current
(except for TR1, TR2)
Input offset current TR1, TR2
Temperature coefficient of
∆VBE
Temperature coefficiient of VBE
Static forward current ratio
Collector base leakage
Collector isolation leakage
Base isolation leakage
Emitter base capacitance
Collector base capacitance
SL3145
Collector isolation capacitance
Dynamic characteristics
Transition frequency
SL3145
Wideband noise figure
Knee of 1/f noise curve
V
V
V
V
V
V
µA
V
mV
mV
µA
µA
µV/°C
mV/
°C
nA
nA
nA
pF
pF
pF
GHz
dB
KHz
IC = 10
µA, IE = 0
IC = 1mA, IB = 0
IC = 10
µA, IR = IE = 0
IB = 10
µA, IC = IE = 0
VCE = 6V, IC = 1mA
IC = 10mA, IB = 1mA
VEB = 4V
IC = 10mA, IB = 1mA
VCE = 6V, IC = 1mA
VCE = 6V, IC = 1mA
VCE = 6V, IC = 1mA
VCE = 6V, IC = 1mA
VCE = 6V, IC = 1mA
VCE = 6V, IC = 1mA
VCB = 16V
VCI = 20V
VBI = 5V
VEB = 0V
VCB = 0V
VCI = 0V
VCE = 6V, IC = 5mA
VCE = 2V, RS = 1k
Ω
IC = 100
µA, f = 60MHz
VCE = 6V, RS = 200
Ω
IC = 2mA
Characteristic
ABSOLUTE MAXIMUM RATINGS
The absolute maximum ratings are limiting values above
which operating life may be shortened or specified parameters
may be degraded.
All electrical ratings apply to individual transistors. Thermal
ratings apply to the total package.
The isolation pin (substrate) must be connected to the most
negative voltage applied to the package to maintain electrical
isolation.
VCB = 20 volt
VEB = 4.0 volt
VCE = 15 volt
VCI = 20 volt
IC = 20 mA
Maximum individual transistor dissipation 200 mWatt
Storage temperature -55
°C to 150°C
Max junction temperature 150
°C
Package thermal resistance (
°C/watt):-
Package Type
MP14
Chip to case
45
°C/W
Chip to ambient
123
°C/W
NOTE:
If all the power is being dissipated in one transistor, these
thermal resistance figures should be increased by 100
°C/watt



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com