Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450 Datasheet(PDF) 49 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 49 Page - Motorola, Inc

Back Button MPC7450 Datasheet HTML 44Page - Motorola, Inc MPC7450 Datasheet HTML 45Page - Motorola, Inc MPC7450 Datasheet HTML 46Page - Motorola, Inc MPC7450 Datasheet HTML 47Page - Motorola, Inc MPC7450 Datasheet HTML 48Page - Motorola, Inc MPC7450 Datasheet HTML 49Page - Motorola, Inc MPC7450 Datasheet HTML 50Page - Motorola, Inc MPC7450 Datasheet HTML 51Page - Motorola, Inc MPC7450 Datasheet HTML 52Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
49
Ordering Information
1.11 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 1.11.1, “Part Numbers Fully Addressed by This Document.” Section 1.11.2, “Part Numbers Not
Fully Addressed by This Document,” lists the part numbers which do not fully conform to the specifications
of this document. These special part numbers require an additional document called a part number
specification.
1.11.1 Part Numbers Fully Addressed by This Document
Table 20 provides the Motorola part numbering nomenclature for the MPC7450. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Motorola sales office. In addition to the processor frequency, the part numbering scheme also includes
an application modifier which may specify special application conditions. Each part number also contains
a revision level code which refers to the die mask revision number.
Rev 4
Updated document template.
Changed “Full-on Mode” to “Full-Power Mode” and “Sleep - PLL disabled” to “Deep Sleep
Mode” in Table 7 to be consistent with User’s Manual.
Removed specifcation for Doze mode power since this is not tested (see Table 7, Note 4).
Removed Deep Sleep Mode-Max power specification since this is not tested.
Revised Figure 23 and removed Table 23 (information is now included in figure).
Revised format and content of Section 1.11, “Ordering Information.”
Removed rows for unsupported core frequencies from Table 17.
Table 20. Part Numbering Nomenclature
XPC
7450
RX
nnn
x
x
Product
Code
Part
Identifier
Package
Processor
Frequency1
Application Modifier
Revision Level
XPC2
7450
RX = CBGA
533
600
667
L: 1.6 to 1.8 V ± 50 mV
0 to 105
°C
E: 2.1; PVR = 8000 0201
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by Part
Number Specifications may support other maximum core frequencies.
2. The X prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by Motorola SOP
3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a
qualified technology to simulate normal production. These parts have only preliminary reliability and
characterization data. Before pilot production prototypes may be shipped, written authorization from the customer
must be on file in the applicable sales office acknowledging the qualification status and the fact that product
changes may still occur while shipping pilot production prototypes.
Table 19. Document Revision History (continued)
Document Revision
Substantive Change(s)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com