Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC7450 Datasheet HTML 1Page - Motorola, Inc MPC7450 Datasheet HTML 2Page - Motorola, Inc MPC7450 Datasheet HTML 3Page - Motorola, Inc MPC7450 Datasheet HTML 4Page - Motorola, Inc MPC7450 Datasheet HTML 5Page - Motorola, Inc MPC7450 Datasheet HTML 6Page - Motorola, Inc MPC7450 Datasheet HTML 7Page - Motorola, Inc MPC7450 Datasheet HTML 8Page - Motorola, Inc MPC7450 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
The MPC7450 is a reduced instruction set computing (RISC) microprocessor that implements
the PowerPC instruction set architecture. This document describes pertinent electrical and
physical characteristics of the MPC7450. For functional characteristics of the processor, refer
to the MPC7450 RISC Microprocessor Family User’s Manual.
This document contains the following topics:
Topic
Page
Section 1.1, “Overview”
1
Section 1.2, “Features”
3
Section 1.3, “Comparison with the MPC7400”
7
Section 1.4, “General Parameters”
9
Section 1.5, “Electrical and Thermal Characteristics”
9
Section 1.6, “Pin Assignments”
30
Section 1.7, “Pinout Listings for the 483 CBGA Package”
31
Section 1.8, “Package Description”
34
Section 1.9, “System Design Information”
36
Section 1.10, “Document Revision History”
48
Section 1.11, “Ordering Information”
49
To locate any published updates for this document, refer to the website at
http://www.motorola.com/semiconductors
1.1
Overview
The MPC7450 is the third implementation of the fourth generation (G4) microprocessors from
Motorola. The MPC7450 implements the full PowerPC 32-bit architecture and is targeted at
networking and computing systems applications. The MPC7450 consists of a processor core,
a 256-Kbyte L2, and an internal L3 tag and controller which support a glueless backside L3
cache through a dedicated high bandwidth interface.
Figure 1 shows a block diagram of the MPC7450. The core is a high-performance superscalar
design supporting a double-precision floating-point unit and a SIMD multimedia unit. The
memory storage subsystem supports the MPX bus interface to main memory and other system
resources. The L3 interface supports 1 or 2 Mbytes of external SRAM for L3 cache data.
Advance Information
MPC7450EC/D
Rev. 4, 11/2001
MPC7450
RISC Microprocessor
Hardware Specifications
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC7450

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7455 FREESCALE-MPC7455 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
MPC7457 FREESCALE-MPC7457 Datasheet
1Mb / 68P
RISC Microprocessor Hardware Specifications
MPC7457 FREESCALE-MPC7457 Datasheet
808Kb / 71P
Microprocessor
logo
NXP Semiconductors
MPC7457 NXP-MPC7457 Datasheet
457Kb / 12P
MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
RISC Microprocessor Hardware Specifications
More results

Similar Description - MPC7450

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
Freescale Semiconductor, Inc.
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
Freescale Semiconductor, Inc.
MC14600 MOTOROLA-MC14600 Datasheet
250Kb / 8P
Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
Freescale Semiconductor, Inc.
MC68HC16Z1CAG25 FREESCALE-MC68HC16Z1CAG25 Datasheet
5Mb / 500P
Freescale Semiconductor, Inc.
MC68MH360AI25L FREESCALE-MC68MH360AI25L Datasheet
4Mb / 158P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
Freescale Semiconductor, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com