Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3AF Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # S3AF
Description  Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

S3AF Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  S3AF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S3AF~S3MF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
S3AF
S3BF
S3DF
S3GF
S3JF
S3KF
S3MF
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking
Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average
Forward Rectified Current
IF(AV)
3.0
A
Peak Forward Surge
Current 8.3 ms Single Half
Sine Wave Superimposed
on Rated Load
(JEDEC Method)
IFSM
90
A
Typical Junction
Capacitance at
VR=4V f=1MHz
Cj
45
pF
Typical Thermal
Resistance
1)
RθJA
47
℃
/W
Operating and Storage
Temperature Range
Tj,Tstg
-55~+150
℃
Note:
1)P.C.B. mounted with 1.0 X 1.0" (2.54 X 2.54 mm) copper pad areas.
参数
Parameter
符号
Symbol
测试条件
Test
Conditions
数值
Rating
单位
Unit
S3AF
S3BF
S3DF
S3GF
S3JF
S3KF
S3MF
Maximum
Instantaneous
Forward Voltage
VF
IF=3.0A
1.2
V
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
IR
Ta=25℃
5.0
μA
Ta=125℃
125
μA
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com