Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3AF Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # S3AF
Description  Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

S3AF Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  S3AF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. S3AF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S3AF~S3MF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
快恢复二极管,反向电压:50V~1000V,正向电流:3.0A,薄型 SMAF 封装。
Surface Mount Fast Recovery Rectifiers, Reverse Voltage
:50 to1000V,Forward Current:3.0A ,SMAF
thin package.
玻璃钝化芯片,无铅符合欧盟 RoHS 指令 2011/65/EU,适用表面贴装。无卤产品。
Glass Passivated Chip Junction, Lead free in comply with EU RoHS 2011/65/EU directives, For
surface mounted applications. Halogen free product.

一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - S3AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3AF ETC2-S3AF Datasheet
538Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Semiconducto...
S3AF CHENDA-S3AF Datasheet
639Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S3AF YFWDIODE-S3AF Datasheet
125Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S3AF SEMIPOWER-S3AF Datasheet
120Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Jiangsu High diode Semi...
S3AF HDSEMI-S3AF Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
More results

Similar Description - S3AF

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GR3A GULFSEMI-GR3A Datasheet
230Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
logo
Foshan Blue Rocket Elec...
RS3MAF FOSHAN-RS3MAF Datasheet
920Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?000V
S2AF FOSHAN-S2AF Datasheet
884Kb / 6P
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V,Forward Current:2.0A
SS12F FOSHAN-SS12F Datasheet
951Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
SS32F FOSHAN-SS32F Datasheet
898Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
SSL34F FOSHAN-SSL34F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
SSL54F FOSHAN-SSL54F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
logo
Leshan Radio Company
S3MB LRC-S3MB Datasheet
160Kb / 3P
Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com