Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS32F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS32F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS32F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS32F~SS320F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
表面贴装肖特基整流二极管,反向电压:20~200V,正向电流:3.0A,薄型 SMAF 封装。
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:3.0A,SMAF
thin package.
低功耗,效率高,浪涌电流大,适用于低压高频逆变器和极性保护,适用于表面贴装。无卤产品。
Low power loss, high efficiency, High forward surge current capability, For use in low voltage, high
frequency inverters, and polarity protection applications, For surface mounted applications. Halogen
free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - SS32F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS32F JUXING-SS32F Datasheet
650Kb / 2P
Surface Mount Schottky Rectifiers
logo
List of Unclassifed Man...
SS32F ETC2-SS32F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
SS32F KEXIN-SS32F Datasheet
858Kb / 2P
Schottky Diodes
logo
Microdiode Semiconducto...
SS32F CHENDA-SS32F Datasheet
686Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS32F YFWDIODE-SS32F Datasheet
173Kb / 3P
Surface MountSchottky Barrier Rectifier
More results

Similar Description - SS32F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES2A GULFSEMI-ES2A Datasheet
162Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
ES2A-A GULFSEMI-ES2A-A Datasheet
164Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
logo
Foshan Blue Rocket Elec...
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
SS12F FOSHAN-SS12F Datasheet
951Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
SSL34F FOSHAN-SSL34F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
SSL54F FOSHAN-SSL54F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com