Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS32F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS32F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS32F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS32F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS32F~SS320F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
SS32F SS34F SS34AF SS36F SS38F SS310F SS312F SS315F SS320F
Maximum Repetitive
Peak Reverse
Voltage
VRRM
20
40
45
60
80
100
120
150
200
V
Maximum RMS
voltage
VRMS
14
28
31.5
42
56
70
84
105
140
V
Maximum DC
Blocking Voltage
VDC
20
40
45
60
80
100
120
150
200
V
Maximum Average
Forward Rectified
Current
IF(AV)
3.0
A
Peak Forward Surge
Current,8.3ms
Single Half
Sine-wave
Superimposed
on Rated Load
(JEDEC method)
IFSM
80
70
A
Typical Thermal
Resistance
1)
RθJA
55
℃
/W
Operating Junction
Temperature Range
Tj
-55~+125
℃
Storage Temperature
Range
Tstg
-55~+150
℃
Note:
1
) P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
参数
Parameter
符号
Symbol
测试条件
Test
Conditions
数值
Rating
单位
Unit
SS32F SS34F SS34AF SS36F SS38F SS310F SS312F SS315F SS320F
Max
Instantaneous
Forward
Voltage
VF
IF=3.0A
0.55
0.70
0.85
0.95
V
Maximum DC
Reverse
Current
at Rated DC
Reverse
Voltage
IR
Ta=25℃
0.5
0.3
mA
Ta=100℃
5.0
/
Ta=125℃
/
5.0
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com