Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL54F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SSL54F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SSL54F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SSL54F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSL54F~SSL56F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
表面贴装肖特基整流二极管,反向电压:40~60V,正向电流:5.0A,薄型 SMAF 封装。
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:40 to 60 V, Forward Current:5.0A ,SMAF
thin package.
低功耗,高效率,正向浪涌电流大,适用于低压高频逆变器和极性保护,表面贴装。无卤产品。
Low power loss, high efficiency, High forward surge current capability, For use in low voltage, high
frequency inverters, and polarity protection applications,For surface mounted applications.Halogen
free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - SSL54F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SSL54F YFWDIODE-SSL54F Datasheet
195Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL54F YFWDIODE-SSL54F Datasheet
507Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SSL54F JUXING-SSL54F Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSL54F YFWDIODE-SSL54F Datasheet
460Kb / 3P
Surface Mount Schottky Barrier Rectifier
SSL54F-SMAF YFWDIODE-SSL54F-SMAF Datasheet
490Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSL54F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB580L LRC-SB580L Datasheet
199Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 80V Forward Current 5.0A
logo
GOOD-ARK Electronics
LS56 GOOD-ARK-LS56 Datasheet
236Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60~65V Forward Current 5A
logo
Foshan Blue Rocket Elec...
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
SS12F FOSHAN-SS12F Datasheet
951Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
SS22F FOSHAN-SS22F Datasheet
950Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
SS32F FOSHAN-SS32F Datasheet
898Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
SSL34F FOSHAN-SSL34F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
logo
AiT Semiconductor Inc.
SM520AF AITSEMI-SM520AF Datasheet
416Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
SM520C AITSEMI-SM520C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com