Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL54F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SSL54F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SSL54F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SSL54F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL54F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSL54F~SSL56F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
SSL54F
SSL56F
Maximum Repetitive Peak Reverse
Voltage
VRRM
40
60
V
Maximum RMS voltage
VRMS
28
42
V
Maximum DC Blocking Voltage
VDC
40
60
V
Maximum Average Forward Rectified
Current
IF(AV)
5.0
A
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
IFSM
150
A
Typical Junction Capacitance1)
Ci
800
500
pF
Typical Thermal Resistance2)
RθJA
45
℃
/W
Operating Junction Temperature
Range
Tj
-55~125
℃
Storage Temperature Range
Tstg
-55~150
℃
Note:
1) Measured at 1MHz and applied reverse voltage of 4 V D.C.
2) P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
参数
Parameter
符号
Symbol
测试条件
Test
Conditions
数值
Rating
单位
Unit
SSL54F
SSL56F
Max Instantaneous
Forward Voltage
VF
IF=5.0A
0.45
0.55
V
Maximum DC Reverse
Current at Rated DC
Reverse Voltage
IR
Ta=25℃
1.0
mA
Ta=100℃
5.0
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com