Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTSMPT7 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTSMPT7
Description  TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTSMPT7 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTSMPT7 Datasheet HTML 1Page - Advanced Crystal Technology ACTSMPT7 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
ACT SMPT7 Stratum 3 TCXO
W
B
I
N
E
X
X
H
-PF
SMPT7
±0.28 3.3
None
None
Pos
45/55
ppm VDC
°C
HCMOS
%
RoHS
SMPT7
T97
Stability
TOP °C
TCXO
v TOP
-40 +85
I
Polarity
±ppm
None
X
0.28 W
Duty
Cycle
VCC VDC
Frequency
% / %
3.3
B
tuning
H
None
N
Output
HCMOS
E
Tape & Reel
C
Mechanical
L
Tuning ±ppm
X
T97 - 2000WBINEXXHC-PF
20MHz
Issue No.
Date:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
1 T3
29/08/2013
Please note that all parameters can not necessarily be specified in the same device.
To specify: Please refer to part numbering system appended to the end of this data
ISO9001 Registered
-40 +85
T97
2000
20.00MHz
45/55
1000
Loose
1000
C
For quotations or further information please contact us at:
None
Frequency:
Please enquire if the frequency/stability
combination has been developed.
For part numbering use the first 4 characters of
the frequency in Hz ie 27MHz = 27000000Hz
so the code used in the part number is 2700. If
the frequency is 100MHz or higher then the first
5 characters are used.
It is important to suffix the part number



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com