Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTSMPT7 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTSMPT7
Description  TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTSMPT7 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTSMPT7 Datasheet HTML 1Page - Advanced Crystal Technology ACTSMPT7 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
● Stability:
±0.28ppm (-40 ~ +85°C)
● Accuracy:
±1.0 ppm (25°C at time of shipment)
● Aging
±4.6ppm 10years, ±0.7ppm 1st year (25°C)
● Developed freq
10, 12.8, 19.2, 20 & 26MHz
Characteristics
Frequency Range (MHz)
10 ~ 40
Supply voltage ±5% Vcc (V
DC)
3.3±5%
Operating temperature Top (°C
-40 ~ +85
Stabilty v T op (ppm)
±0.28
Stabilty v Vcc(ppm)
±0.2
Stabilty v Load (ppm)
±0.2
Aging @25°C (ppm)
±4.6 (10yr)
±0.7 (1st yr)
Tolerance @ 25°C (ppm)
±1.0
Load ±10%
15pF±10% LVCMOS
Output voltage
VOH >3V, VOL >0.3V
Duty Cycle
45/55%
AFC ( Voltage control)
Available (Enquire)
Phase Noise (dBc/Hz)
10Hz
10MHz 25°C
100Hz
1kHz
10kHz
100kHz
Rating
Storage temperature (°C)
-50 ~ +95
Humidity (%RH)
5 ~ 90
Air Pressure (kPa)
70 ~ 106
ESD
Sensitive, take precautions.
Vibration
IEC60068-2-6 Fc 10~55Hz sine
0.75mm, 1.5hr, X,Y & Z
Shock
IEC60068-2-27Fc 100g
½ sine 3 bump, X, Y & Z
Marking:
wy: week/year
Tape & Reel
Standard reel: 1K
Issue No.
Date:
1 T3
29/08/2013
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
For quotations or further information please contact us at:
ISO9001 Registered
To specify: Please refer to part numbering system appended to the end of this data
Please note that all parameters can not necessarily be specified in the same device.
ACT SMPT7 Stratum 3 TCXO
-110
-135
-75
-145
-145


Similar Part No. - ACTSMPT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00D INTERSIL-ACTS00D Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00DMSR INTERSIL-ACTS00DMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00HMSR INTERSIL-ACTS00HMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00K INTERSIL-ACTS00K Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00KMSR INTERSIL-ACTS00KMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
More results

Similar Description - ACTSMPT7

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
TCXO, VC-TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
TCXO/VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com