Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS00K Datasheet (PDF) - Intersil Corporation

ACTS00K Datasheet PDF - Intersil Corporation
Part # ACTS00K
Download  ACTS00K Download
File Size   85.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input NAND Gate

ACTS00K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS00K Datasheet PDF - Intersil Corporation

Part # ACTS00K
Download  ACTS00K Click to download

File Size   85.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input NAND Gate

ACTS00K Datasheet (HTML) - Intersil Corporation


ACTS00K Product details

Description
The Intersil ACTS00MS is a radiation hardened quad 2-Input NAND gate. A high logic level on both inputs forces the output to a logic low state.
The ACTS00MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of the radiation hardened, high-speed, CMOS/SOS Logic Family.

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity <1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 0.8V Max
    - VIH = VCC/2V Min
• Input Current ≤1µA at VOL, VOH




Similar Part No. - ACTS00K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACTS04D RENESAS-ACTS04D Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
logo
Intersil Corporation
ACTS04D/SAMPLE INTERSIL-ACTS04D/SAMPLE Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
ACTS04HMSR INTERSIL-ACTS04HMSR Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
logo
Renesas Technology Corp
ACTS04HMSR RENESAS-ACTS04HMSR Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
ACTS04K RENESAS-ACTS04K Datasheet
246Kb / 2P
Radiation Hardened Hex Inverter
January 1996
More results


Similar Description - ACTS00K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS00MS INTERSIL-HCS00MS Datasheet
101Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS00MS INTERSIL-HCTS00MS Datasheet
49Kb / 9P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
SN54AC00-SP_016 TI1-SN54AC00-SP_016 Datasheet
193Kb / 10P
SN54AC00-SP Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com