Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0611ZLWH Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EYGS0611ZLWH
Description  Soft-PGS (Compressible Type) PGS with low thermal resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0611ZLWH Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EYGS0611ZLWH Datasheet HTML 1Page - Panasonic Semiconductor EYGS0611ZLWH Datasheet HTML 2Page - Panasonic Semiconductor EYGS0611ZLWH Datasheet HTML 3Page - Panasonic Semiconductor EYGS0611ZLWH Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“Soft-PGS (Compressible Type)” PGS with low thermal resistance
a d
b
e
c
● PGS in IGBT forms
Type
Sheet only
S Type
Process for IGBT mounting
Lamination
Structure
Front
Side
Operating
Temperature Range
−55 to 400 °C
Thickness: c
200 µm
No.
Standard
Part No.
a : Lateral size
(mm)
b : Longitudinal
size
(mm)
Hole
number
Hole
diameter
(
0mm)
d : Lateral
hole pitch
(mm)
e : Longitudinal
hole pitch
(mm)
1
EYGS1431ZLAA
140
308
12
6
126
290
2
EYGS0925ZLWA
85
246
14
6
73
234
3
EYGS1419ZLWB
136
186
8
7.5
124
171
4
EYGS0917ZLWC
85
168
10
6
73
156
5
EYGS1316ZLAC
125
163
8
6.1
110
150
6
EYGS1216ZLWD
120
160
8
6
110
150
7
EYGS1116ZLMA
108.8
158
8
6
92.75
144
8
EYGS1315ZLGA
129.5
150
8
7
118.5
137.5
9
EYGS1314ZLWE
126
136
6
7.5
114
124
10
EYGS1014ZLAD
97.8
138
4
6.8
86
127
11
EYGS0714ZLAE
70
138
4
5.7
57
128
12
EYGS0714ZLAF
69
136
4
7.2
57
124
13
EYGS1113ZLMB
106
132
4
5.7
95
121
14
EYGS1313ZLGB
128
128
4
6.7
110
110
15
EYGS0713ZLAG
66
126
4
5.7
50
116
16
EYGS0813ZLMD
71
123
2
4.7
Center
116
17
EYGS1212ZLGC
120
120
4
5.7
110
110
18
EYGS0912ZLGD
88
120
4
5.7
78
110
19
EYGS0612ZLWF
60
120
4
5.7
50
110
20
EYGS0512ZLGE
53
118
2
5.7
Center
106
21
EYGS0811ZLGH
80
113
4
5.7
70
103
22
EYGS0811ZLWG
78
108
4
6.7
62
93
23
EYGS0611ZLWH
60
106
4
6.7
48
93
24
EYGS0411ZLWJ
43
105.5
2
5.7
Center
93
25
EYGS0610ZLAH
59.4
104.4
4
6.7
48
93
26
EYGS0410ZLAJ
43
102.8
2
5.7
Center
93
27
EYGS1010ZLME
98
98
4
6.7
87
87
✽ This shape is an example, please
contact us for detailed shape of each
part no.
Mar. 2017
03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com