Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0611ZLWH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EYGS0611ZLWH
Description  Soft-PGS (Compressible Type) PGS with low thermal resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0611ZLWH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EYGS0611ZLWH Datasheet HTML 1Page - Panasonic Semiconductor EYGS0611ZLWH Datasheet HTML 2Page - Panasonic Semiconductor EYGS0611ZLWH Datasheet HTML 3Page - Panasonic Semiconductor EYGS0611ZLWH Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“Soft-PGS (Compressible Type)” PGS with low thermal resistance
E
1
Y
2
G
3
4
5
6
78
9
10
9
11
12
18
Z
L
X
2
90 mm
× 90 mm
90 mm
× 180 mm
180 mm
× 180 mm
Dimension
Thickness of Soft-PGS
ZL
200 μm
Suffix
0909
0918
1818
S0
Style
S
PGS only
PGS Graphite sheet
Product Code
“Soft-PGS (Compressible Type)” PGS
with low thermal resistance
Type:
EYGS
For cooling/heat transfer of electronic devices that generates heat,
such as power modules.
● Inverters and converters
● Car-mounted camera, motor control unit, automotive LED,
luminous source of laser HUD, medical equipment
● Base station, Server
● Soft-PGS(EYGS
✽✽✽✽ZL✽✽)
● Thermal resistance : 0.2K∙cm2/W (600 kPa)
To draw a good thermal resistance from sheet, pressure the Soft-PGS.
A close adherence would make the product fit into the uneven part and
enhance the performance.
● Thermal conductivity : X-Y direction 400W/m∙K, Z direction (28W/m∙K)
● Compressibility : 40 % (600k Pa)
● High and long term reliability : operating temperature range –55 to 400 °C
● RoHs compliant
Soft-PGS (Compressible Type) is a graphite sheet that is dedicated for
use as a thermal interface material.
The Soft-PGS (Compressible Type) has very high compressibility compared
to standard PGS, which enables reducing the thermal resistance by
following gap, warpage, and distortion of targets/substrates.
Excellent heat resistance and reliability of the Soft-PGS help obtaining
longer service life and higher performance of various components, such
as power modules.
The Soft-PGS (Compressible Type) is cost-saving, because it may
allow you to reduce your existing processes. Unlike grease, there is no
necessity for printing process , since it is a sheet-type product.
There are no problems that are found in grease and phase change
materials in the Soft-PGS, which makes it excellent TIM.
✽ Please contact us for custom-made products.
After pressure
Install in IGBT module
IGBT module
Soft-PGS
Heatsink
Explanation of Part Numbers
Recommended applications
Features
Mar. 2017
03


Similar Part No. - EYGS0611ZLWH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS091202 PANASONIC-EYGS091202 Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
EYGS091203 PANASONIC-EYGS091203 Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
EYGS091207 PANASONIC-EYGS091207 Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
EYGS091207 PANASONIC-EYGS091207 Datasheet
676Kb / 6P
PGS” Graphite Sheets EYG type
01-Apr-21
EYGS091210 PANASONIC-EYGS091210 Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
More results

Similar Description - EYGS0611ZLWH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
Vishay Siliconix
SQ9945AE VISHAY-SQ9945AE Datasheet
119Kb / 9P
Package with Low Thermal Resistance
23-Oct-08
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
logo
Panasonic Semiconductor
EYGS091210 PANASONIC-EYGS091210 Datasheet
676Kb / 6P
PGS” Graphite Sheets EYG type
01-Apr-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com