Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT23-2700FADEHBDPKSB Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # VT23-2700FADEHBDPKSB
Description  HCMOS / TTL TCXO/ VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

VT23-2700FADEHBDPKSB Datasheet(HTML) 1 Page - Advanced Crystal Technology

  VT23-2700FADEHBDPKSB Datasheet HTML 1Page - Advanced Crystal Technology VT23-2700FADEHBDPKSB Datasheet HTML 2Page - Advanced Crystal Technology VT23-2700FADEHBDPKSB Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
● Stability:
From ±1.0ppm
● Accuracy:
Mechanical frequency adjustment
● Aging
1.0ppm
Characteristics
Frequency Range (MHz)
1.2 ~ 44.545
Supply voltage ±5% Vcc (V
DC)
3.3, 5.0
Operating temperature Top (°C
Table 1
Operating Current (mA max)
20 (3.3 Vcc), 25 (5.0 Vcc)
Stabilty v T op (ppm)
Table 1
Stabilty v Vcc(ppm)
±0.3 max (5%)
Stabilty v Load (ppm)
±0.3 max (10%)
Aging @25°C (ppm)
±1.0 / yr
Tolerance @ 25°C (ppm)
Mechanical adjustment
Load ±10%
15pF /10TTL
Output voltage (V)
HCMOS
VOL 0.1xVcc max , VOH 0.9Vcc min
TTL
VOL 0.4V max, VOH 0.9V min
Duty Cycle (%)
60/40 (45/55 option)
Rise& Fall times (ns, max)
5 (3.3V Vcc), 4 (5.0V Vcc)
Mechanical trimmer (ppm)
±3 min
VCTCXO only
Slope / Linearity
Positive / 4% typ 5% max
Control voltage (VDC)
1.65±1.65 (3.3V) , 2.5±2.0 (5.0V)
Frequency Tuning (ppm)
5, 10
Rating
Storage temperature (°C)
-40 ~+85
Notes:
ESD sensitive, take appropriate precautions.
Issue No.
Date:
To specify: Please refer to part numbering system appended to the end of this data
Please note that all parameters can not necessarily be specified in the same device.
STE01 HCMOS / TTL TCXO/ VCTCXO
9 Skr
09/10/2013
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
For quotations or further information please contact us at:
ISO9001 Registered
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
±4.0
±4 .5 ±5 .0
0 ~ 50°C
-10 ~ 60°C
-10 ~ 70°C
-20 ~ 70°C
-30 ~ 60°C
-30 ~ 70°C
-30 ~ 75°C
-40 ~ 80°C
-40 ~ 85°C
Frequency Stability v Temperature
Temp
Table 1


Similar Part No. - VT23-2700FADEHBDPKSB

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VT23N1 PERKINELMER-VT23N1 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
VT23N2 PERKINELMER-VT23N2 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
VT23N3 PERKINELMER-VT23N3 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
More results

Similar Description - VT23-2700FADEHBDPKSB

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX924 FOX-FOX924 Datasheet
95Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
Fox Electronics
FOX924B-12.288 FOX-FOX924B-12.288 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12288 FOX-FOX924B-12288 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
T5HN FOX-T5HN Datasheet
188Kb / 2P
5.0x3.2mm HCMOS TCXO/VCTCXO
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com