Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13838 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13838
Description  ANGELINA series
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13838 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13838 Datasheet HTML 1Page - Ledil, Inc. F13838 Datasheet HTML 2Page - Ledil, Inc. F13838 Datasheet HTML 3Page - Ledil, Inc. F13838 Datasheet HTML 4Page - Ledil, Inc. F13838 Datasheet HTML 5Page - Ledil, Inc. F13838 Datasheet HTML 6Page - Ledil, Inc. F13838 Datasheet HTML 7Page - Ledil, Inc. F13838 Datasheet HTML 8Page - Ledil, Inc. F13838 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
PRODUCT DATASHEET
ANGELINA series
last update 31/1/2017
DETAILS
Product Number
F13838_ANGELINA-XW
Family
ANGELINA
Type
Reflector
Color
white
Diameter
82 mm
Height
31 mm
Style
round
Optic Material
HRPC
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
31/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V13 Gen7
92 deg
Wide
94 %
0.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
V22 Gen7
sim: 82
Wide
sim: 94 % sim: 0.603 IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
sim: 86
Wide
sim: 92 % sim: 0.595 IDEAL: 50-2103CT + 50-2100AN
VERO29
91 deg
Wide
93 %
0.460
LEDiL: LEDiL
VERO18
90 deg
Wide
94 %
0.580
-
V10 Gen7
sim: 93
Wide
sim: 92 % sim: 0.490 Bender Wirth: 434 Typ L1
VERO29
90 deg
Wide
91 %
0.450
-
CLL03x/CLU03x
89 deg
Wide
94 %
0.500
IDEAL: 50-2103CT + 50-2100AN
CLU720/721
93 deg
Wide
94 %
0.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLU720/721
89 deg
Wide
94 %
0.540
IDEAL: 50-2103CT + 50-2100AN
CLL04x/CLU04x
88 deg
Wide
95 %
0.510
Bender Wirth: 431 Typ L3
CLU700/701
95 deg
Wide
95 %
0.500
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
94 deg
Wide
95 %
0.500
Bender Wirth: 434 Typ L1
CXA/B 3590
90 deg
Wide
94 %
0.480
IDEAL: 50-2303CR + 50-2300AN
CXA/B 15xx
94 deg
Wide
94 %
0.530
LEDiL: LEDiL
CXA/B 1816 & CXA/B 1820 & CXA 1850 94 deg
Wide
94 %
0.500
LEDiL: LEDiL
CXA/B 1816 & CXA/B 1820 & CXA 1850 94 deg
Wide
94 %
0.500
Bender Wirth: 437 Typ L1
CXA/B 15xx
94 deg
Wide
94 %
0.500
Bender Wirth: 441 Typ L1
CXA/B 30xx
91 deg
Wide
94 %
0.480
-
CHI3030 19W
88 deg
Wide
91 %
0.500
Bender Wirth: 468 Typ L3
CHI3030 29W
89 deg
Wide
91 %
0.500
Bender Wirth: 468 Typ L3
LUXEON K12
92 deg
Wide
94 %
0.520
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON K16
90 deg
Wide
94 %
0.530
BJB: 47.319.2070
LUXEON CoB 1211
91 deg
Wide
94 %
0.500
Bender Wirth: 431 Typ L3
LUXEON K12
NULL deg
Wide
-
-
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
September 5th 2017 4:49 Copyright Ledil Oy - Subject to change without prior notice - Page 1/15
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13838

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13838 LEDIL-F13838 Datasheet
11Mb / 23P
White version with ~91째 wide beam
F13838 LEDIL-F13838_18 Datasheet
11Mb / 23P
White version with ~91째 wide beam
More results

Similar Description - F13838

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
ANGELINA series
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
ANGELINA series
FCN13695 CREE-FCN13695 Datasheet
2Mb / 38P
ANGELINA series
FCN13696 CREE-FCN13696 Datasheet
2Mb / 38P
ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
ANGELINA series
logo
Ledil, Inc.
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
Angelina RefPack
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com