Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F13838 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # F13838
Description  ANGELINA series
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13838 Datasheet(HTML) 2 Page - Ledil, Inc.

  F13838 Datasheet HTML 1Page - Ledil, Inc. F13838 Datasheet HTML 2Page - Ledil, Inc. F13838 Datasheet HTML 3Page - Ledil, Inc. F13838 Datasheet HTML 4Page - Ledil, Inc. F13838 Datasheet HTML 5Page - Ledil, Inc. F13838 Datasheet HTML 6Page - Ledil, Inc. F13838 Datasheet HTML 7Page - Ledil, Inc. F13838 Datasheet HTML 8Page - Ledil, Inc. F13838 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 163 page
background image
PRODUCT DATASHEET
ANGELINA series
last update 31/1/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON K16
NULL deg
Wide
-
-
TE: 2213134-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1202/1203
95 deg
Wide
94 %
0.500
Bender Wirth: 438 Typ L1
CXM-14
93 deg
Wide
94 %
0.480
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CXM-9
NULL deg
Wide
sim: 95 % sim: 0.500 Bender Wirth: 434 Typ L1
COB L-Type (LES 11)
94 deg
Wide
94 %
0.480
Molex: 180580-0005
COB L-Type (LES 11)
92 deg
Wide
94 %
0.520
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
COB J-Type
88 deg
Wide
92 %
0.530
IDEAL: 50-2103NC + 50-2100AN
COB J-Type
89 deg
Wide
90 %
0.480
IDEAL: 50-2103NC + 50-2100AN
COB J-Type
93 deg
Wide
95 %
0.480
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
94 deg
Wide
94 %
0.490
Bender Wirth: 438 Typ L1
Soleriq S19
91 deg
Wide
94 %
0.500
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S13
92 deg
Wide
94 %
0.500
TE: 2213401-2 + OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core AC (LEP-800)
90 deg
Wide
94 %
0.520
TE: OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core AC (LEP-2000)
89 deg
Wide
94 %
0.510
TE: OPTIC CLIP Z50 TYPE1 2213194-1
PrevaLED Core Z4 LES19
90 deg
Wide
94 %
0.510
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq P13
92 deg
Wide
94 %
0.490
TE: 2213401-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq S19
90 deg
Wide
93 %
0.500
Bender Wirth: 462 Typ L3
PrevaLED Core Z4 LES19
90 deg
Wide
90 %
0.480
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Soleriq P9
93 deg
Wide
94 %
0.480
Bender Wirth: 461 Typ L1
Soleriq P13
92 deg
Wide
94 %
0.490
Bender Wirth: 437 Typ L1
Soleriq S13
93 deg
Wide
94 %
0.500
Bender Wirth: 437 Typ L1
Fortimo SLM 4500 G3
90 deg
Wide
94 %
0.490
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM 2000 G3
91 deg
Wide
94 %
0.517
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM 3000 G3
91 deg
Wide
94 %
0.489
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L9 G4 standard
93 deg
Wide
94 %
0.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L13 G4 standard
92 deg
Wide
94 %
0.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L15 G4 standard
91 deg
Wide
94 %
0.490
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo LED SLM L19 G4 standard
90 deg
Wide
93 %
0.490
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 9 Standard
93 deg
Wide
94 %
0.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
91 deg
Wide
92 %
0.490
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 19 Standard
90 deg
Wide
91 %
0.480
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 13 Standard
92 deg
Wide
94 %
0.500
TE: OPTIC CLIP Z50 TYPE1 2213194-1
Fortimo SLM G5 LES 15 Standard
91 deg
Wide
89 %
0.460
TE: OPTIC CLIP Z50 TYPE1 2213194-1
LC040C
93 deg
Wide
94 %
0.500
TE: 2213382-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LC026B/LC040B
91 deg
Wide
94 %
0.490
Bender Wirth: 450 Typ L2
MJT COB LES 14.5
92 deg
Wide
94 %
0.500
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
MJT COB LES 22
89 deg
Wide
94 %
0.500
Bender Wirth: 431 Typ L3
AC Zhaga COB
93 deg
Wide
91 %
0.460
-
ZC12/18
NULL deg
Wide
sim: 95 % sim: 0.490 Bender Wirth: 433 Typ L1
ZC4/6
NULL deg
Wide
sim: 95 % sim: 0.500 Bender Wirth: 434 Typ L1
Mega Zenigata (GW6DME)
92 deg
Wide
94 %
0.500
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
Mega Zenigata (GW6DME)
92 deg
Wide
92 %
0.470
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
September 5th 2017 4:49 Copyright Ledil Oy - Subject to change without prior notice - Page 2/15
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com