Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE29MA16 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 10Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 11Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 12Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 13Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 14Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 15Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 16Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AMD
2-361
PALCE29MA16H-25 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 0 V
VCC = 5.0 V, TA = 25
°C,
5
pF
COUT
Output Capacitance
VOUT = 0 V
f = 1 MHz
8
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS
Registered Operation
Parameter
Symbol
Parameter Description
Min
Max
Unit
Combinatorial Output
tPD
Input or I/O Pin to Combinatorial Output
25
ns
Output Register – Pin Clock
tSOR
Input or I/O Pin to Output Register Setup
15
ns
tCOR
Output Register Clock to Output
15
ns
tHOR
Data Hold Time for Output Register
0
ns
Output Register – Product Term Clock
tSORP
I/O Pin or Input to Output Register Setup
4
ns
tCORP
Output Register Clock to Output
29
ns
tHORP
Data Hold Time for Output Register
10
ns
Input Register – Pin Clock
tSIR
I/O Pin to Input Register Setup
2
ns
tCIR
Register Feedback Clock to Combinatorial Output
28
ns
tHIR
Data Hold time for Input Register
6
ns
Clock and Frequency
tCIS
Register Feedback (Pin Driven Clock) to Output
20
ns
Register/Latch (Pin Driven) Setup
tCISPP
Register Feedback (PT Driven Clock) to Output
25
ns
Register/Latch (PT Driven) Setup
fMAX
Maximum Frequency (Pin Driven) 1/(tSOR + tCOR)
33.3
MHz
fMAXI
Maximum Internal Frequency (Pin Driven) 1/tCIS
50
MHz
fMAXP
Maximum Frequency (PT Driven) 1/(tSORP + tCORP)
30
MHz
fMAXIPP
Maximum Internal Frequency (PT Driven) 1/tCISPP
40
MHz
tCWH
Pin Clock Width HIGH
8
ns
tCWL
Pin Clock Width LOW
8
ns
tCWHP
PT Clock Width HIGH
12
ns
tCWLP
PT Clock Width LOW
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com