Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE29MA16 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 13Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 14Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 15Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 16Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 17Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 18Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 19Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 20Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AMD
2-365
PALCE29MA16H-25 (Com’l)
SWITCHING CHARACTERISTICS
Latched Operation
Parameter
Symbol
Parameter Description
Min
Max
Unit
Combinatorial Output
tPD
Input or I/O Pin to Combinatorial Output
25
ns
tPTD
Input or I/O Pin to Output via Transparent Latch
28
ns
Output Latch – Pin LE
tSOL
Input or I/O Pin to Output Register Setup
15
ns
tGOL
Latch Enable to Transparent Mode Output
15
ns
tHOL
Data Hold Time for Output Latch
0
ns
tSTL
Input or I/O Pin to Output Latch Setup via
18
ns
Transparent Input Latch
Output Latch – Product Term LE
tSOLP
Input or I/O Pin to Output Latch Setup
4
ns
tGOLP
Latch Enable to Transparent Mode Output
29
ns
tHOLP
Data Hold Time for Output Latch
10
ns
tSTLP
Input or I/O Pin to Output Latch Setup via
10
ns
Transparent Input Latch
Input Latch – Pin LE
tSIL
I/O Pin to Input Latch Setup
2
ns
tGIL
Latch Feedback, Latch Enable Transparent Mode to
28
ns
Combinatorial Output
tHIL
Data Hold Time for Input Latch
6
ns
Latch Enable
tGIS
Latch Feedback (Pin Driven) to Output Register/Latch
20
ns
(Pin Driven) Setup
tGISPP
Latch Feedback (PT Driven) to Output Register/Latch
25
ns
(PT Driven) Setup
tGWH
Pin Enable Width HIGH
8
ns
tGWL
Pin Enable Width LOW
8
ns
tGWHP
PT Enable Width HIGH
12
ns
tGWLP
PT Enable Width LOW
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com