Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-H-DA Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-H-DA
Description  DC-DC Constant Current Step-Down LED driver with DALI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-H-DA Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LDD-H-DA Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-H-DA Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-H-DA Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDD-H-DA Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LDD-350H-
Blank : pin style
W
: wire style
WDA
File Name:LDD-H-DA-SPEC 2017-08-17
DC/DC step-down converter
Constant current output: 350mA to 1400mA
Wide input voltage: 6 ~ 50VDC
Wide output LED string voltage: 3 ~ 45VDC
High efficiency up to 95%
Built-in EMI filter, comply with EN55015 without
additional input filter and capacitors
DALI dimming function input under voltage lockout
Built-in PWM and remote ON/OFF control(pin style only, wire style optional)
Protections: Short circuit
Cooling by free air convection
Fully encapsulated with IP65 level
Compact size
Suitable for driving illumination LED
3 years warranty
SPECIFICATION
LDD-350H
LDD-700H
LDD-1050H
LDD-1400H
DA
DA
DA
DA
--
--
ORDER NO.
CURRENT RANGE
VOLTAGE RANGE
Note.4
CURRENT ACCURACY (Typ.)
OUTPUT
EFFICIENCY (max.)
DC CURRENT
INPUT
PWM
DIMMING
&
ON/OFF
CONTROL
ANALOG
DIMMING
&
ON/OFF
CONTROL
(PIN STYLE ONLY)
(PIN STYLE ONLY)
ENVIRONMENT
EMC
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
OPERATING CASE TEMP. (max.)
MTBF
DIMENSION
OTHERS
WEIGHT
POTTING MATERIAL
REMOTE ON/OFF
SHORT CIRCUIT
FILTER
REMOTE ON/OFF
PWM FREQUENCY
QUIESCENT INPUT CURRENT
IN SHUTDOWN MODE(max.)
INPUT VOLTAGE
LOCKOUT
PROTECTION
RIPPLE & NOISE(max.) Note.2
SWITCHING FREQENCY (Typ.)
EXTERNAL CAPACITANCE LOAD (max.)
95% at full load and 48VDC input
275mA
550mA
825mA
1280mA
6 ~ 40VDC
5mA
6 ~ 50VDC
1400uF
500KHz
300mVp-p
500mVp-p
500mVp-p
500mVp-p
±5% at 48VDC input
3 ~ 45VDC
350mA
700mA
1050mA
1400mA
3 ~ 36VDC
±5% at 28VDC input
1.6Mhrs min. MIL-HDBK-217F (25
)
-40 ~ + 85
(Refer to derating curve)
20% ~ 90% RH non-condensing
-55 ~ +125
, 10 ~ 95% RH non-condensing
±℃
0.03% /
10 ~ 500Hz, 2G 10min./1 cycle, period for 60min. each along X, Y, Z axes
100
LDD-H-DA:18g ; LDD-H-WDA:23g
40.6*23.5*10.1mm or 1.6"*0.93"*0.40" inch (L*W*H)
Expoxy(UL94-V0)
Full load Note.3
No load
Capacitor
Leave open if not use
Leave open if not use
Power ON with dimming: DIM ~ -Vin >1.2 ~ 5VDC or open circuit, max. operation voltage 5.5VDC
Power ON with dimming: Analog DIM ~ -Vin >0.1 ~ 2.5VDC or open circuit, max. operation voltage 5.5VDC
Power OFF : DIM ~ -Vin < 0.1VDC or short
Power OFF : Analog DIM ~ -Vin <0.1VDC or short
200 ~ 1KHz
1mA at PWM dimming OFF and 24VDC input
DC-DC Constant Current Step-Down LED driver with DALI
LDD-H-DA series
Features :
VOLTAGE RANGE
4.2VDC
Start up
Regulated at rated output current
Protection type: Can be continued, recovers automatically after fault condition is removed
3.8VDC
Shut-down
Compliance to EN55015
Compliance to EN61547, EN61000-4-2,3,4,6,8, light industry level, criteria A
1.All parameters are specified at normal input(48VDC), rated load, 25 70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf capacitor.
3.Test condition: 48VDC input for 350~1050mA, 28VDC input for 1400mA.
4.Output voltage will always step down by 3 volts from input DC voltage.
5.The output of LDD-H should not be connected to the input of the same unit or output from other sources.
NOTE
EMC IMMUNITY
EMC EMISSION


Similar Part No. - LDD-H-DA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD-H-SPEC MEANWELL-LDD-H-SPEC Datasheet
1Mb / 6P
DC-DC Constant Current Step-Down LED driver
2022-05-24
More results

Similar Description - LDD-H-DA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
DC-DC Constant Current LED driver
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
DC-DC Step-Up Constant Current LED driver
LDD-300LW MEANWELL-LDD-300LW Datasheet
149Kb / 6P
DC-DC Constant Current Step-Down LED driver
logo
Shenzhen Huazhimei Semi...
HM2806 HMSEMI-HM2806 Datasheet
415Kb / 5P
PWM/PFM control DC-DC step-down constant current driver
logo
Mean Well Enterprises C...
LDDS-H MEANWELL-LDDS-H Datasheet
108Kb / 5P
DC-DC Constant Current Step-Down LED driver
LDH-65 MEANWELL-LDH-65 Datasheet
597Kb / 6P
DC-DC Step-Up Constant Current LED driver
NLDD-H MEANWELL-NLDD-H Datasheet
595Kb / 6P
DC-DC Constant Current Step-Down LED driver
LDD-H-SPEC MEANWELL-LDD-H-SPEC Datasheet
1Mb / 6P
DC-DC Constant Current Step-Down LED driver
2022-05-24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com